Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C124IVS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS90C124IVS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DEN
VODSEL
DIN
TRFB
24
REN
RRFB
RPWDNB
TCLK
TPWDNB
SERIALIZER ± DS90C241
PLL
Timing
and
Control
DOUT-
RIN-
DESERIALIZER ± DS90C124
DOUT+
RIN+
PLL
Timing
and
Control
24
ROUT
LOCK
RCLK
Clock
Recovery
PRE
DS90C124, DS90C241
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (VCC +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (VCC +0.3V)
LVDS Receiver Input Voltage
−0.3V to 3.9V
LVDS Driver Output Voltage
−0.3V to 3.9V
LVDS Output Short Circuit Duration
10 ms
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 4 seconds)
+260°C
Maximum Package Power Dissipation Capacity Package Derating:
48L TQFP
1/
θJA °C/W above +25°C
DS90C241
θJA
45.8°C/W (4L JEDEC); 75.4°C/W (2L JEDEC)
θJC
21.0°C/W
DS90C124
θJA
45.4°C/W (4L JEDEC); 75.0°C/W (2L JEDEC)
θJC
21.1°C/W
ESD Rating (HBM)
≥±8 kV
ESD Rating (ISO10605)
RD = 2 kΩ, CS = 330 pF
DS90C241 meets ISO 10605
Contact Discharge (DOUT+, DOUT-)
±8 kV
Air Discharge (DOUT+, DOUT-)
±25 kV
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com