Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C124IVS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90C124IVS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
SER/DES SUPPLY CURRENT (DVDD*, PVDD* and AVDD* pins) *Digital, PLL, and Analog VDDs
ICCT
Serializer (Tx) Total Supply
RL = 100Ω
f = 35 MHz
Current (includes load
RPRE = OFF
current)
VODSEL = H/L
40
65
mA
Checker-board pattern
(Figure 1)
RL = 100Ω
f = 35 MHz
RPRE = 6 kΩ
VODSEL = H/L
45
70
mA
Checker-board pattern
(Figure 1)
Serializer (Tx) Total Supply
RL = 100Ω
f = 35 MHz
Current(includes load current) RPRE = OFF
40
65
mA
VODSEL = H/L
RL = 100Ω
f = 35 MHz
RPRE = 6 kΩ
45
70
mA
VODSEL = H/L
Random pattern
ICCTZ
Serializer (Tx)Supply Current
TPWDNB = 0V
800
µA
Power-down
(All other LVCMOS Inputs = 0V)
ICCR
Deserializer (Rx) Total Supply CL = 8 pF LVCMOS Output
f = 35 MHz
Current (includes load
Checker-board pattern
85
mA
current)
(Figure 2)
Deserializer (Rx) Total Supply CL = 8 pF LVCMOS Output
f = 35 MHz
Current (includes load
Random pattern
80
mA
current)
ICCRZ
Deserializer (Rx) Supply
RPWDNB = 0V
Current Power-down
(All other LVCMOS Inputs = 0V,
50
µA
RIN+/ RIN-= 0V)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com