Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C124IVS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90C124IVS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DS90C124, DS90C241
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
VIH
High Level Voltage
Tx: DIN[23:0],
2.0
VCC
V
TCLK,
VIL
Low Level Input Voltage
GND
0.8
V
TPWDNB,
VCL
Input Clamp Voltage
ICL = −18 mA
(1)
DEN, TRFB,
DCAOFF,
DCBOFF,
−0.8
−1.5
V
VODSEL
Rx:
RPWDNB,
RRFB, REN
IIN
Input Current
VIN = 0V or 3.6V
Tx: DIN[23:0],
TCLK,
TPWDNB,
DEN, TRFB,
−10
±5
+10
µA
DCAOFF,
DCBOFF,
VODSEL
Rx:
RPWDNB,
−20
±5
+20
µA
RRFB, REN
VOH
High Level Output Voltage
IOH = −4 mA
Rx:
2.3
3.0
VCC
V
ROUT[23:0],
VOL
Low Level Output Voltage
IOL = +4 mA
GND
0.33
0.5
V
RCLK, LOCK
IOS
Output Short Circuit Current
VOUT = 0V
(1)
−40
−70
−110
mA
IOZ
TRI-STATE Output Current
RPWDNB, REN = 0V,
Rx:
VOUT = 0V or 2.4V
ROUT[23:0],
−30
±0.4
+30
µA
RCLK, LOCK
LVDS DC SPECIFICATIONS
VTH
Differential Threshold High
VCM = +1.2V
Rx: RIN+, RIN−
+50
mV
Voltage
VTL
Differential Threshold Low
−50
mV
Voltage
IIN
Input Current
VIN = +2.4V,
±200
µA
VCC = 3.6V or 0V
VIN = 0V, VCC = 3.6V
±200
µA
VOD
Output Differential Voltage
RL = 100Ω, without Pre-emphasis
Tx: DOUT+,
250
400
600
mV
(DOUT+)–(DOUT−)
VODSEL = L (Figure 10)
DOUT−
RL = 100Ω, without Pre-emphasis
450
750
1200
mV
VODSEL = H (Figure 10)
ΔVOD
Output Differential Voltage
RL = 100Ω, without Pre-emphasis
10
50
mV
Unbalance
VOS
Offset Voltage
RL = 100Ω, without Pre-emphasis
1.00
1.25
1.50
V
ΔVOS
Offset Voltage Unbalance
RL = 100Ω, without Pre-emphasis
1
50
mV
IOS
Output Short Circuit Current
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−2
−8
mA
VODSEL = L
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−7
−13
mA
VODSEL = H
IOZ
TRI-STATE Output Current
TPWDNB, DEN = 0V,
−15
±1
+15
µA
DOUT = 0V or 2.4V
(1)
Specification is ensured by characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com