Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C124IVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90C124IVS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
DS90C241 and DS90C124 5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and
Deserializer
Check for Samples: DS90C124, DS90C241
1
FEATURES
DESCRIPTION
The DS90C241 and DS90C124 chipset translates a
2
•
5-MHz to 35-MHz clock embedded and DC-
24-bit parallel bus into a fully transparent data and
Balancing 24:1 and 1:24 data transmissions
control LVDS serial stream with embedded clock
•
User defined pre-emphasis driving ability
information.
This
single
serial
stream
simplifies
through external resistor on LVDS outputs and
transferring a 24-bit bus over PCB traces or over
capable to drive up to 10-meter shielded
cable by eliminating the skew problems between
twisted-pair cable
parallel data and clock paths. It saves system cost by
narrowing data paths, which in turn reduces PCB
•
User-selectable clock edge for parallel data on
layers, cable width, and connector size and pins.
both transmitter and receiver
The DS90C241 and DS90C124 incorporate LVDS
•
Internal DC balancing encode and decode –
signaling on the high-speed I/O. LVDS provides a
Supports AC-coupling interface with no
low-power and low-noise environment for reliably
external coding required
transferring data over a serial transmission path. By
•
Individual power-down controls for both
optimizing the serializer output edge rate for the
transmitter and receiver
operating frequency range, EMI is further reduced.
•
Embedded clock CDR (clock and data
In addition, the device features pre-emphasis to boost
recovery) on receiver and no external source
signals over longer distances using lossy cables.
of reference clock needed
Internal
DC
balanced
encoding
and
decoding
•
All codes RDL (random data lock) to support
supports AC-coupled interconnects.
live-pluggable applications
•
LOCK output flag to ensure data integrity at
receiver side
•
Balanced TSETUP and THOLD between RCLK and
RDATA on receiver side
•
PTO (progressive turn-on) LVCMOS outputs to
reduce EMI and minimize SSO effects
•
All LVCMOS inputs and control pins have
internal pulldown
•
On-chip filters for PLLs on transmitter and
receiver
•
Temperature range –40°C to +105°C
•
Greater than 8-kV HBM ESD tolerant
•
Meets AEC-Q100 compliance
•
Power supply range 3.3V ± 10%
•
48-pin TQFP package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C124IVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C124IVS NSC-DS90C124IVS Datasheet
865Kb / 17P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124IVS NSC-DS90C124IVS Datasheet
1Mb / 26P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124IVSX NSC-DS90C124IVSX Datasheet
1Mb / 26P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS90C124IVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241 Datasheet
960Kb / 24P
5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR124 NSC-DS90UR124_08 Datasheet
1Mb / 30P
5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR241Q NSC-DS90UR241Q Datasheet
1Mb / 26P
5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS90UR124-Q1 TI1-DS90UR124-Q1 Datasheet
1Mb / 41P
5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com