Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C124IVS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 15Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 16Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
PIN ASSIGNMENTS
DS90C241 Serializer Pin Descriptions
Pin #
Pin Name
I/O
Description
LVCMOS PARALLEL INTERFACE PINS
4-1,
DIN[23:0]
LVCMOS_I
Transmitter Parallel Interface Data Input Pins. Tie LOW if unused, do not float.
48-44,
41-32,
29-25
10
TCLK
LVCMOS_I
Transmitter Parallel Interface Clock Input Pin. Strobe edge set by TRFB configuration pin.
CONTROL AND CONFIGURATION PINS
9
TPWDNB
LVCMOS_I
Transmitter Power Down Bar
TPWDNB = H; Transmitter is Enabled and ON
TPWDNB = L; Transmitter is in power down mode (Sleep), LVDS Driver DOUT (+/-) Outputs are in
TRI-STATE stand-by mode, PLL is shutdown to minimize power consumption.
18
DEN
LVCMOS_I
Transmitter Data Enable
DEN = H; LVDS Driver Outputs are Enabled (ON).
DEN = L; LVDS Driver Outputs are Disabled (OFF), Transmitter LVDS Driver DOUT (+/-) Outputs
are in TRI-STATE, PLL still operational and locked to TCLK.
23
PRE
LVCMOS_I
Pre-emphasis Level Select
PRE = NC (No Connect); Pre-emphasis is Disabled (OFF).
Pre-emphasis is active when input is tied to VSS through external resistor RPRE. Resistor value
determines pre-emphasis level. Recommended value RPRE ≥ 3 kΩ; Imax = [(1.2/R)*20], Rmin = 3
k
Ω
11
TRFB
LVCMOS_I
Transmitter Clock Edge Select Pin
TRFB = H; Parallel Interface Data is strobed on the Rising Clock Edge.
TRFB = L; Parallel Interface Data is strobed on the Falling Clock Edge
12
VODSEL
LVCMOS_I
VOD Level Select
VODSEL = L; LVDS Driver Output is
≈±400 mV (RL = 100Ω)
VODSEL = H; LVDS Driver Output is
≈±750 mV (RL = 100Ω)
For normal applications, set this pin LOW. For long cable applications where a larger VOD is
required, set this pin HIGH.
5
DCAOFF
LVCMOS_I
Reserved. This pin MUST be tied LOW.
8
DCBOFF
LVCMOS_I
Reserved. This pin MUST be tied LOW.
13
RESRVD
LVCMOS_I
Reserved. This pin MUST be tied LOW.
LVDS SERIAL INTERFACE PINS
20
DOUT+
LVDS_O
Transmitter LVDS True (+) Output.
This output is intended to be loaded with a 100
Ω load to the DOUT+ pin. The interconnect should
be AC Coupled to this pin with a 100 nF capacitor.
19
DOUT
−
LVDS_O
Transmitter LVDS Inverted (-) Output
This output is intended to be loaded with a 100
Ω load to the DOUT-pin. The interconnect should be
AC Coupled to this pin with a 100 nF capacitor.
POWER / GROUND PINS
22
VDDDR
VDD
Analog Voltage Supply, LVDS Output Power
21
VSSDR
GND
Analog Ground, LVDS Output Ground
16
VDDPT0
VDD
Analog Voltage supply, VCO Power
17
VSSPT0
GND
Analog Ground, VCO Ground
14
VDDPT1
VDD
Analog Voltage supply, PLL Power
15
VSSPT1
GND
Analog Ground, PLL Ground
30
VDDT
VDD
Digital Voltage supply, Tx Serializer Power
31
VSST
GND
Digital Ground, Tx Serializer Ground
7
VDDL
VDD
Digital Voltage supply, Tx Logic Power
6
VSSL
GND
Digital Ground, Tx Logic Ground
42
VDDIT
VDD
Digital Voltage supply, Tx Input Power
43
VSSIT
GND
Digital Ground, Tx Input Ground
24
VSS
GND
ESD Ground
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com