Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWR283 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MWR283 Datasheet HTML 1Page - Interpoint Corporation Company MWR283 Datasheet HTML 2Page - Interpoint Corporation Company MWR283 Datasheet HTML 3Page - Interpoint Corporation Company MWR283 Datasheet HTML 4Page - Interpoint Corporation Company MWR283 Datasheet HTML 5Page - Interpoint Corporation Company MWR283 Datasheet HTML 6Page - Interpoint Corporation Company MWR283 Datasheet HTML 7Page - Interpoint Corporation Company MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MODelnUMbeRIngkey
MWR 28 512 T F / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(T = triple)
(Main and aux. Vout for triple models)
(Standard screening has no designator
in this position)
SMDnUMbeRS
Standard Microcircuit drawing
(SMd)
Mwr SiMilar Part
5962-XXXXX01HXC IN pROCESS MWR283R312T/883
5962-XXXXX02HXC IN pROCESS MWR283R315T/883
5962-XXXXX03HXC IN pROCESS MWR28512T/883
5962-XXXXX04HXC IN pROCESS MWR28515T/883
The SMD number shown is for Class H screening, non-flanged. To
indicate the flanged case option change the “X” to “Z” In the SMD
number. For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.landandmaritime.dla.mil/programs/smcr
MODelnUMbeROpTIOnS
to deterMine the Model nuMber enter one oPtion froM
each category in the forM below
.
CaTegORy
baseModeland
InputVoltage
OutputVoltage1
numberof
Outputs2
CaseOptions3
Screening4
options
MWR28
3R312, 3R315T,
T
(non-flanged, leave blank)
(standard, leave blank)
512T, 515T
F (flanged)
ES
883
FIllInFOR
MODel#
MWR28
/
Notes
1. Output Voltage: An R indicates a decimal point. 3R312T is 3.3 volts main and ±12 volts auxiliaries.
2. Number of Outputs: T is a triple output.
3. Case Options: For the standard case, Figure 15 on page 13, leave the case option blank. For the flanged case option, Figure 16 on page 14, insert the letter
F in the Case Option position.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see
Table 10 on page 15 and Table 11 on page 16.
Figure 3: MoDeL nuMbering key
tAbLe 3: sMD Cross reFerenCe
tAbLe 4: MoDeL nuMber oPtions
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
14TO50VOlTInpUT-35WaTT
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com