Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWR283 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MWR283 Datasheet HTML 4Page - Interpoint Corporation Company MWR283 Datasheet HTML 5Page - Interpoint Corporation Company MWR283 Datasheet HTML 6Page - Interpoint Corporation Company MWR283 Datasheet HTML 7Page - Interpoint Corporation Company MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company MWR283 Datasheet HTML 10Page - Interpoint Corporation Company MWR283 Datasheet HTML 11Page - Interpoint Corporation Company MWR283 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
tAbLe 8: eLeCtriCAL CHArACteristiCs -55°C to +125°C CAse, 28 vin, 100% LoAD, Free run, unLess otHerwise sPeCiFieD.
TRIpLE OUTpUT MODEL – MWR28512T
5 (MAIN)
±12 (AUXILIARIES)
UNITS
pARAMETER
CONDITIONS
MIN
TYp
MAX
MIN
TYp
MAX
OUTpUT VOLTAGE
MAIN AND pOS. AUX
4.90
5.00
5.10
11.76
12.00
12.24
V
NEG. AUX.
—
—
—
11.70
12.00
12.30
OUTpUT CURRENT
MAIN AND EITHER OUTpUT
—
—
3.0
—
±0.833 1.16 1
A
VIN = 14 TO 50 V
MAX TOTAL AUX
—
—
—
—
—
1.67
OUTpUT pOWER
MAIN AND EITHER OUTpUT
—
—
15
—
±10
14 1
W
VIN = 14 TO 50 V
MAX TOTAL AUX
—
—
—
—
—
20
OUTpUT RIppLE
TC = 25°C
—
20
45
—
50
80
mV p-p
10 kHz - 20 MHz
TC = -55°C TO +125°C
—
20
60
—
50
120
LINE REGULATION
MAIN AND pOS. AUX
—
5
25
—
5
50
mV
VIN = 14 TO 50 V
NEG. AUX.
—
—
—
—
28
120
LOAD REGULATION
MAIN AND +AUX., NL - FL
—
5
25
—
5
50
mV
BALANCED AUX.
-AUX., NL - FL
—
—
—
—
20
100
CROSS REGULATION 2
EFFECT ON
—
—
—
—
250
600
mV
TC = 25°C
NEGATIVE AUXILIARY
INpUT VOLTAGE
CONTINUOUS
14
28
50
—
—
—
V
TRANSIENT 1 sec 1
—
—
80
—
—
—
V
INpUT CURRENT
NO LOAD
—
50
70
—
—
—
mA
INHIBITED
—
2.5
4
—
—
—
INpUT RIppLE CURRENT 3
10 kHz - 20 MHz
—
40
100
—
—
—
mA p-p
EFFICIENCY
TC = 25°C
81
84
—
—
—
—
%
TC = -55°C TO +125°C
80
—
—
—
—
—
LOAD FAULT 4, 5
pOWER DISSIpATION
—
7
9.5
—
5
9.5
W
RECOVERY 1
—
15
20
—
—
20
ms
STEp LOAD RESpONSE 5 , 6
TRANSIENT
—
±75
±350
—
±150
±600
mV pk
50% - 100% - 50%
RECOVERY
—
230
400
—
175
600
µs
STEp LINE RESpONSE 1, 5, 7
TRANSIENT
—
±100
±400
—
±200
±400
mV pk
14 - 40 - 14 VIN
RECOVERY
—
400
900
—
200
600
µs
START-Up 5, 8
DELAY
—
15
20
—
—
20
ms
OVERSHOOT 1
—
5
50
—
5
60
mV pk
CApACITIVE LOAD 1, 9
25°C
—
—
1000
—
—
500
µF
Notes
1. Guaranteed by design and/or analysis. Not an in-line test.
2. Effect on negative output when switching loads simultaneously
from/to 30%-70% where 100% is the total power of both auxiliaries.
3. At loads <20% of full load, higher input ripple current is possible.
4. Limit applies to both main and auxiliary outputs, tested separately.
5. Recovery and startup times are measured from application of the transient
or change in condition to the point at which VOUT is within 1% of final
value. CL = 0.
6. Step load transition time 10 µs ±1 µs.
7. Step line transition time 100 µs ±20 µs.
8. Tested on release from inhibit.
9. No effect on dc performance. Applies to each auxiliary.
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
14TO50VOlTInpUT-35WaTT
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com