Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWR283 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MWR283 Datasheet HTML 1Page - Interpoint Corporation Company MWR283 Datasheet HTML 2Page - Interpoint Corporation Company MWR283 Datasheet HTML 3Page - Interpoint Corporation Company MWR283 Datasheet HTML 4Page - Interpoint Corporation Company MWR283 Datasheet HTML 5Page - Interpoint Corporation Company MWR283 Datasheet HTML 6Page - Interpoint Corporation Company MWR283 Datasheet HTML 7Page - Interpoint Corporation Company MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
description
The MWR Series™ of high frequency DC-DC converters offers
a wide input voltage range of 14 to 50 volts and up to 35 watts
of output power. The units are capable of withstanding short
term transients up to 80 volts for one second. The package
is a hermetically sealed, welded metal case. Flanged and
non-flanged models are available.
Converter Design
MWR Series DC-DC converters are switching regulators that use
continuous flyback conversion topology with a clock frequency
of approximately 300 kHz. MWR Series converters incorporate
two internal converters with one converter phase shifted
approximately 120° from the other to create a dual phase/phase-
shifted operation. Each of the internal converters operates at the
clock frequency. This design provides completely independent
regulation with no cross regulation effect between the main
and auxiliary outputs and no minimum loading required on the
main output. The design minimizes input ripple, greatly reduces
output ripple and improves efficiency. See “Figure 1: MWR Block
Diagram” on page 2.
Low noise, HigH AuDio rejeCtion
The MWR converters’ feed-forward compensation system
provides excellent dynamic response and noise rejection. Audio
rejection is typically 40 dB.
The MWR Series converters are provided with internal filtering
capacitors that help reduce the need for external components
in normal operation. Use our FMCE-0528 EMI filter to meet
the requirements of MIL-STD-461C CE03 and CS01 and/or
MIL-STD-461D, E and F CE102 and CS101 levels of conducted
emissions.
inHibit FunCtion
MWR converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output and very low
quiescent input current. The converter is inhibited when the
inhibit pin is pulled below 0.8 volts. The unit is enabled when
the pin, which is internally connected to a pull-up resistor, is left
unconnected or is connected to an open-collector gate. The open
circuit output voltage associated with the inhibit pin is 8.5 to 12 V.
In the inhibit mode, a maximum of 4 mA must be sunk from the
inhibit pin.
synCHronizAtion
Synchronizing the converter with the system clock allows
the designer to confine switching noise to clock transitions,
minimizing interference and reducing the need for filtering. In
sync mode, the converter will run at any frequency between 270
kHz and 330 kHz. The sync control operates with a duty cycle
between 40% and 60%.
sHort CirCuit ProteCtion
MWR Series converters provide short circuit protection by
restricting the output current to approximately 150% of the
full load output current. The output current is sensed in the
secondary stage to provide highly predictable and accurate
current limiting, and to eliminate foldback characteristics. For
better protection, the current limit function of the main and the
auxiliary sides are linked together. If one output goes to current
limit, the other outputs will be turned off at the same time.
unDervoLtAge LoCkout
Undervoltage lockout with hysteresis prevents the units from
operating below approximately 12 volts input voltage to keep
system current levels smooth, especially during initialization or
re-start operations.
Features
• Inputvoltagerange14to50V
• Transientprotectionupto80V
foronesecond
• Outputshortcircuitprotection
• -55°Cto+125°Coperation
• Magneticfeedback
• Synchronization
• Inhibitfunction
• Upto33W/in3,85%efficiency
• Undervoltagelockout
ModeLs
outPut voLtAge (v)
TRIpLE
3.3 V ±12 V
3.3 V ±15 V
5 V ±12 V
5 V ±15 V
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
14TO50VOlTInpUT-35WaTT
page 1 of 16


Similar Part No. - MWR283

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
Small size ??Low ESR - General purpose
logo
TT Electronics.
MWR TTELEC-MWR Datasheet
207Kb / 2P
Performance characterized to 40GHz
logo
IRC - a TT electronics ...
MWR-MWC01GC-01-1000-F IRCTT-MWR-MWC01GC-01-1000-F Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
MWR-MWC01GC-01-1000-G IRCTT-MWR-MWC01GC-01-1000-G Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
MWR-MWC01GC-01-1000-J IRCTT-MWR-MWC01GC-01-1000-J Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
More results

Similar Description - MWR283

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
Triple Output 3W DC-DC Converters
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Crane Aerospace & Elect...
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
Triple Output 3W DC/DC Converters
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
30W, Triple Output DC/DC Converters
logo
Intronics Power, Inc.
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
15 Watt Triple Output DC-DC Converters
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com