Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWR283 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company MWR283 Datasheet HTML 10Page - Interpoint Corporation Company MWR283 Datasheet HTML 11Page - Interpoint Corporation Company MWR283 Datasheet HTML 12Page - Interpoint Corporation Company MWR283 Datasheet HTML 13Page - Interpoint Corporation Company MWR283 Datasheet HTML 14Page - Interpoint Corporation Company MWR283 Datasheet HTML 15Page - Interpoint Corporation Company MWR283 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
tyPiCAL PerForMAnCe PLots: 25°C CAse, 28 vin, 100% LoAD, Free run, unLess otHerwise sPeCiFieD.
For reFerenCe onLy, not guArAnteeD sPeCiFiCAtions.
Mwr283r312t eFFiCienCy
70
75
80
85
5
10
15
20
25
30
35
28 V
50 V
16 V
42 V
WATTS
OUTPUT POWER
100%
20%
Figure 12
Figure 13
Mwr28515t eFFiCienCy
70
75
80
85
5
10
15
20
25
30
35
28 V
50 V
16 V
42 V
WATTS
OUTPUT POWER
100%
20%
ConDition A LoAD: -v 50%, +v 50% to 10%
ConDition b LoAD: +v 50%, -v 50% to 10%
Cross reguLAtion
Figure 14
-5.0%
-3.0%
-1.0%
1.0%
3.0%
5.0%
10
20
30
40
50
MWR283R312T
MWR283R312T
MWR28515T
MWR28515T
Condition A
Condition B
OUTPUT LOAD (%)
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
14TO50VOlTInpUT-35WaTT
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
page 12 of 16
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com