Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWR283 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MWR283 Datasheet HTML 1Page - Interpoint Corporation Company MWR283 Datasheet HTML 2Page - Interpoint Corporation Company MWR283 Datasheet HTML 3Page - Interpoint Corporation Company MWR283 Datasheet HTML 4Page - Interpoint Corporation Company MWR283 Datasheet HTML 5Page - Interpoint Corporation Company MWR283 Datasheet HTML 6Page - Interpoint Corporation Company MWR283 Datasheet HTML 7Page - Interpoint Corporation Company MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
tAbLe 5: oPerAting ConDitions, ALL MoDeLs, 25°C CAse, 28 vin, 100% LoAD, unLess otHerwise sPeCiFieD.
Notes
1. Guaranteed by qualification test and/or analysis. Not an in-line test.
2. For better protection, the current limit function of the main and the
auxiliary sides are linked together. If one output goes to current limit,
the other outputs will be turned off at the same time.
3. The over-current limit will trigger when the sum of the auxiliary
outputs reach 130% (typical value) of the maximum rated “total”
current of both outputs.
4. Tested with inhibit pin pulled to ground.
5. An external inhibit interface should be used to pull the inhibit low or
leave it floating. The inhibit pin can be left unconnected if not used.
MWR SERIES
ALL MODELS
pARAMETER
CONDITIONS
MIN
TYp
MAX
UNITS
LEAD SOLDERING TEMpERATURE 1
10 SECONDS MAX.
—
—
300
°C
STORAGE TEMpERATURE 1
-65
—
+150
°C
CASE OpERATING
FULL pOWER
-55
—
+125
°C
TEMpERATURE
ABSOLUTE 1
-55
—
+135
DERATING OUTpUT pOWER/CURRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ESD RATING 1
MIL-STD-883, METHOD 3015
2000 - 3999
V
MIL-pRF-38534, 3.9.5.8.2
CLASS 2
ISOLATION: INpUT TO OUTpUT OR ANY
500 V AT 25°C
100
—
—
Megohms
pIN TO CASE EXCEpT CASE pINS
UNDERVOLTAGE LOCKOUT 1
RISING VIN (TURN ON)
—
12.93
—
V
-55°C TO +125°C
FALLING VIN (TURN OFF)
—
11.85
—
CURRENT LIMIT 2
MAIN
—
150
—
%
% OF FULL LOAD
±AUX. 3
—
130
—
AUDIO REJECTION 1
—
40
—
dB
CONVERSION FREQUENCY
FREE RUN -55°C TO +125°C
260
—
340
kHz
SYNCHRONIZATION
INpUT FREQUENCY
270
—
330
kHz
DUTY CYCLE 1
40
—
60
%
ACTIVE LOW
—
—
0.8
V
ACTIVE HIGH 1
4.5
—
5.0
REFERENCED TO
INpUT COMMON
IF NOT USED
LEAVE UNCONNECTED
INHIBIT ACTIVE LOW (OUTpUT DISABLED) INHIBIT pIN pULLED LOW 4
—
—
0.8
V
Do not apply a voltage to the inhibit pin 5
INHIBIT pIN SOURCE
—
—
4
mA
CURRENT 1
REFERENCED TO
INpUT COMMON
INHIBIT ACTIVE HIGH (OUTpUT ENABLED) INHIBIT pIN CONDITION
OpEN COLLECTOR OR
Do not apply a voltage to the inhibit pin 5
UNCONNECTED
OpEN pIN VOLTAGE 1
8.5
—
12
V
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
14TO50VOlTInpUT-35WaTT
www.craneae.com/interpoint
MWR Rev AD - 2016.05.20
page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com