Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2805SZ/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MGA2805SZ/883 Datasheet HTML 1Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 2Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 3Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 4Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 5Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 6Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MSA 28 12 D / 883
Base Model
Input Voltage
Output Voltage
Number of Outputs
(S = single, D = dual)
(R = decimal point, 5R2 = 5.2 Vout)
Screening
(Standard screening has no designator
in this position.)
MoDel nuMberinG key
sMD nuMbers
StanDarD MiCrOCirCuit
Drawing (SMD)
MSa SiMilar part
5962-9309201HxC
MSA2805S/883
5962-0251301HxC
MSA285R2S/883
5962-9309301HxC
MSA2812S/883
5962-9309401HxC
MSA2815S/883
5962-0052201HxC
MSA2805D/883
5962-9308901HxC
MSA2812D/883
5962-9309001HxC
MSA2815D/883
ForexactspecificationsforanSMDproduct,referto
theSMDdrawing.SMDscanbedownloadedfrom:
http://www.landandmaritime.dla.mil/programs/smcr
MoDel nuMber options
tO DeterMine the MODel nuMber enter One OptiOn frOM eaCh CategOry in the fOrM belOw.
cateGory base Model and
input Voltage
output Voltage 1
number of
outputs 2
case options 3
screening 4
options
MSA
05,5R2,12,15
S
MSA–down-leaded:leaveblank
(standard,leaveblank)
MGA
05,12,15
D
MGA–straightleads:leaveblank
ES
MGA–gullwings:Z
883
Fill in For
MoDel #
MA
__________
__________
/
Notes:
1.5R2isa5.2outputmodel.
2.NumberofOutputs:SisasingleoutputandDisadualoutput
3.CaseOptions:FortheMSAdown-leadedcaseleavethecaseoptionblank.FortheMGAstraight-leadcase,leavethecaseoptionblank.FortheMGA,surfacemount
gull-wingcase,inserttheletter“Z”inthecaseoptionposition.
4.Screening:Forstandardscreeningleavethescreeningoptionblank.Forotherscreeningoptions,insertthedesiredscreeninglevel.Formoreinformationsee
“Table11:ElementEvaluation”onpage12and“Table12:EnvironmentalScreening”onpage13.
MoDel nuMberinG key
MGA 28 12 S Z / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Gull Wing Lead Option
(Straight leaded case has no designator
in this position.)
(Standard screening has no designator
in this position.)
sMD nuMbers
StanDarD MiCrOCirCuit
Drawing (SMD)
Mga SiMilar part
5962-9309201HZC
MGA2805SZ/883
5962-9309301HZC
MGA2812SZ/883
5962-9309401HZC
MGA2815SZ/883
5962-0052201HZC
MGA2805DZ/883
5962-9308901HZC
MGA2812DZ/883
5962-9309001HZC
MGA2815DZ/883
ForexactspecificationsforanSMDproduct,refer
totheSMDdrawing.SMDnumbersareshownfor
thesurfacemountgull-wingcase.Forthestraight-
leadcase,replacetheZ(HZC)intheSMDwithaY
(HYC).SMDscanbedownloadedfrom:http://www.
landandmaritime.dla.mil/programs/smcr
table 5: msa smD numbers
table 6: mga smD numbers
table 7: msa anD mga moDel number options
Figure 7: msa moDel numbering key
Figure 8: mga moDel numbering key
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page5of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com