Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2805SZ/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MGA2805SZ/883 Datasheet HTML 6Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 10Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 11Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 12Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 13Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 9
Figure 10
OUTPUT POWER (Watts)
MSA/MGA2815D EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
100 µs/div
16 V TO 40 V
MSA/MGA2805S STEP LINE RESPONSE
VIN
VOUT
OUTPUT POWER (Watts)
MSA/MGA2805S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
Figure 11
OUTPUT POWER (Watts)
MSA/MGA2812S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
Figure 12
Figure 13
Figure 14
OUTPUT POWER (Watts)
MSA/MGA2815S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
100 µs/div
50% 100%
MSA/MGA2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
Figure 15
100 µs/div
10% 100%
MSA/MGA2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
Figure 16
Figure 17
1 ms/div
MSA/MGA2805S TURN-ON INTO NO LOAD
VIN
VOUT
typiCal perFormanCe plots:
25°C tC, 28 vIN, 100% loaD, Free run, unless otherWise speCiFieD.
Theseareexamplesforreferenceonlyandarenotguaranteedspecifications.
OUTPUT POWER (Watts)
50 mV DROP
LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
1
2
3
4
5
6
2805S
2815S
2812S
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page10of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com