Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2805SZ/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MGA2805SZ/883 Datasheet HTML 1Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 2Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 3Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 4Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 5Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 6Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
small size, 1.16 in2 (7.46 cm2) - Msa
surface mount package - MGa
• –55°to+125°Coperation
• 16to40VDCinput
• 50Vfor50mstransientprotection
• Fullyisolated
• Fixedhighfrequencyswitching
• Inhibitfunction
• Indefiniteshortcircuitprotection
• Upto76%efficiency
Description
TheInterpoint™MSASeries™andMGASeries™ofdc-dc
convertersprovideupto5wattsofoutputpoweroverthefull
militarytemperaturerangewithupto76%efficiency.Thick-film
hybridtechniquesprovidemilitary/aerospacereliabilitylevelsand
optimumminiaturization.
Theconvertersareofferedwithstandardscreening,“ES”
screening,orfullycompliantto“883”MIL-PRF-38534ClassH
screening.Standardmicrocircuitdrawings(SMD)areavailable.
See“Table12:ElementEvaluation”onpage14and“Table13:
EnvironmentalScreening”onpage15forscreeningoptions
anddescriptions.
Converter Design
Theconvertersareswitchingregulatorsthatuseaflyback
converterdesignwithaconstantswitchingfrequencyof550kHz
typical.Theyareregulated,isolatedunitsusingapulsewidth
modulatedtopologyandarebuiltashighreliabilitythick-film
hybrids.Isolationbetweeninputandoutputcircuitsisprovided
withatransformerintheforwardpowerpathandanoptical
linkinthefeedbackcontrolloop.Excellentinputlinetransient
responseandaudiorejectionisachievedbyanadvancedfeed-
forwardcompensationtechnique.Negativeoutputregulationis
maintainedbytightlycoupledmagnetics.Upto4watts,80%of
thetotaloutputpower,isavailablefromeitheroutput,provided
thattheoppositeoutputissimultaneouslycarrying20%ofthe
totalpowerinordertomaintainthespecifiedregulationonthe
negativeoutput.Apredictablecurrentlimitisaccomplishedby
directmonitoringoftheoutputloadcurrent,whichresultsina
constantcurrentoutput.Internalinputandoutputfilterseliminate
theneedforexternalcapacitorsforstableoperation.Outputfilter
examplesin“Figure3:LowNoiseOutputFilterMSAandMGA
SingleOutputModels”onpage3and“Figure4:LowNoise
OutputFilterMSAandMGADualOutputModels”onpage3
providesuggestedsolutionsforsystemswhereverylowoutput
rippleisrequired.
WiDe voltage range
TheMSAconvertersaredesignedtoprovidefullpoweroperation
overafull16to40VDCvoltagerange.Operationbelow16volts,
includingMIL-STD-704Eemergencypowerconditionsispossible
withderatedpower.Low-linedropoutgraphs,“Figure17”on
page10and“Figure23”onpage11,graphsprovidemore
information.
improveD DynamiC response
Thefeed-forwardcompensationsystemprovidesexcellent
dynamicresponseandnoiserejection.Audiorejectionistypically
50dB.Theminimumtomaximumsteplinetransientresponseis
typicallylessthan1%.
MoDels
VDC Output
SINGLE
DUAL
5
±5
5.2(MSAonly)
±12
12
±15
15
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
Page1of15
MSA_MGARevAC-2013.06.13
28 Volt input – 5 Watt
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1.425.882.3100 • power@crane-eg.com
www.craneae.com/interpoint


Similar Part No. - MGA2805SZ/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805SZ/ES INTERPOINT-MGA2805SZ/ES Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MGA2805SZ/883

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com