Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2805SZ/883 Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 10Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 11Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 12Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 13Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 14Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Figure 27: mga Case Dimensions
Figure 28: mga gull-Wing solDer paD layout
Straight Leads
(This view shows
straight leads.)
0.010
(0.25)
0.125 ref.
(3.18)
Leads are solder dipped and lead
dimensions are prior to solder dip.
0.08
(2.0)
0.010 (0.25)
Bottom of lead to
bottom of case
0.055
(1.40)
0.070
(1.78)
1
1
TOP VIEW CASE D1
1.35 ref. (34.29)
0.010
(0.25)
0.08
(2.0)
0.250 max.
(6.35)
0.50
(12.7)
2.115 ref. (53.72)
0.015
(0.38)
Seam seal
0.900 (22.86)
0.800 (20.32)
0.700 (17.78)
0.600 (15.24)
0.500 (12.70)
0.400 (10.16)
0.300 ( 7.62)
0.200 ( 5.08)
0.100 ( 2.54)
1.000 (25.40)
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
19
20
Gull Wing Leads
Option
0.000
Weight: 15 grams max.
Dimensions in inches (mm)
Tolerance±0.005 (0.13) for three decimal places,
±0.01 (0.3) for two decimal places, unless otherwise specified
Please refer to the numerical dimensions for accuracy.
CAUTION
Maximum reflow temperature is 220°C for a maximum of 30 seconds.
SN60, SN62, or SN63 are the recommended types of solder. See MGA
gull-wing solder pads layout. Hand soldering should not exceed 300°C
for 10 seconds per pin.
Materials
Header Kovar/Nickel/Gold
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold matched glass seal
Gold plating of 50 - 225 microinches is included in pin diameter
Seal hole: 0.040 ±0.002 (1.02 ±0.05)
Case D1, Rev D, 2013.04.22
1.110 max
(28.19)
1.110 max
(28.19)
(Center to center)
The triangle (ESD) marking on the cover indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
The straight lead configuration does not require a “case designator”
in the model number. ex. MGA2805S
The gull wing option
(configuration) requires
“Z” as a “case
designator”
in the model number.
ex. MGA2805Z
surFaCe mount Case anD leaD options
0.102 (2.59)
0.090 (2.29)
0.030 (0.76)
0.050 (1.27) 4X
0.100 (2.54) 18X
1.000 (25.40)
1.000
(25.40)
CASE D1 GULL-WING PADS
Case D1 MGA Solder Pads, Rev F, 2013.05.31
Dimensions in inches (mm)
Tolerance±0.005 (0.13) for three decimal places ±0.01 (0.3) for
two decimal places, unless otherwise specified.
Please refer to the numerical dimensions for accuracy.
CAUTION:
Internal components are soldered with SN96 (melting
temperature 221°C) to prevent damage during reflow. Maximum
reflow temperature for surface mounting the MGA converter is
220°C for a maximum of 30 seconds. SN60, 62, or 63 are the
recommended types of solder.
Hand soldering should not exceed 300°C for 10 seconds per pin.
SOLDER MASK NOTES
1. Pad dimensions are for the solder mask. Leads common to
each other can be connected to each other as desired.
2. Ground (case) pins should be connected to the center pad for
improved grounding.
3. Connect "no connection" pins to case ground to reduce EMI.
4. Center pad should not have a solder mask. Solder, copper, or
Au/Ni plate are preferred over solder mask for adhesive attach.
5. Pre-tin base of converter prior to soldering.
6. If less rotation of case is desired, reduce the width of the large
case pad by 0.020 inches (0.51 mm). Pad length can be
extended 0.010 inches (0.25 mm) towards the case body and an
as-desired dimension away from the case body.
7. Do not exceed 220°C as measured on the body of the
converter (top or bottom).
8. Attach the body of the case to the board with a thermally
conductive adhesive or SN60, 62, or 63 solder. The adhesive
can be electrically conductive as well. It can be applied as an
underfill post solder or dispensed and cured prior or during
solder.
9. In the presence of vibration, to ensure reliable mechanical
attachment, the body of the case should be attached with
adhesive or solder as noted above (note 8). The leads alone do
not provide sufficient mechanical attachment.
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page13of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com