Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2805SZ/883 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MGA2805SZ/883 Datasheet HTML 5Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 6Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 10Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 11Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 12Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MSA2805D
MSA2812D
MSA2815D
MSA/MGADUALOUTPUTMODELS
MGA2805D
MGA2812D
MGA2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAx
MIN
TYP
MAx
MIN
TYP
MAx
OUTPUTVOLTAGE
+VOUT
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
VDC
-VOUT
4.75
5.00
5.25
11.09 12.00 12.96 14.70 15.00 16.20
OUTPUTCURRENT2
EITHEROUTPUT
—
±500
800
—
±208
333
—
±167
267
mA
VIN=16to40VDC
TOTALOUTPUT
—
—
1000
—
—
416
—
—
334
OUTPUTPOWER2
EITHEROUTPUT
—
±2.50
4
—
±2.50
4
—
±2.50
4
W
VIN=16to40VDC
TOTALOUTPUT
—
—
5
—
—
5
—
—
5
OUTPUTRIPPLE
TC=25°C
—
—
150
—
40
140
—
60
150
mVp-p
10kHZ-2MHZ±VOUT
TC=-55°CTO+125°C
—
—
300
—
—
250
—
—
250
LINEREGULATION
+VOUT
—
10
25
—
10
50
—
10
50
mV
VIN=16TO40V
-VOUT
—
40
75
—
40
180
—
40
180
LOADREGULATION
+VOUT
—
10
50
—
10
50
—
10
50
mV
NOLOADTOFULL
-VOUT
—
50
200
—
50
200
—
50
200
CROSSREGULATION1,3
Figure24(10-90%)
—
10
20
—
8
15
—
7
15
%
EFFECTON-VOUT
Figure25(50-10%)
—
5
8
—
3.7
6
—
3
6
INPUTVOLTAGE
NOLOADTOFULL
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT50ms1
—
—
50
—
—
50
—
—
50
V
INPUTCURRENT
NOLOAD
—
30
35
—
33
58
—
38
60
mA
INHIBITED
—
3
5
—
3
5
—
3
5
INPUTRIPPLECURRENT4
10kHz-10MHz
—
30
160
—
30
150
—
30
150
mAp-p
EFFICIENCY
TC=25°C
68
72
—
69
75
—
70
75
—
%
TC=-55°CTO+125°C
65
—
—
67
—
—
68
—
—
LOADFAULT5,6
POWERDISSIPATION
—
—
2.0
—
—
1.9
—
—
1.8
W
SHORTCIRCUIT
RECOVERY1
—
—
50
—
—
30
—
—
50
ms
STEPLOADRESPONSE6,7
TRANSIENT
—
—
±500
—
—
±1400
—
—
±1400 mVpk
50%-100%-50%
RECOVERY
—
—
1000
—
—
4500
—
—
4500
µs
STEPLINERESPONSE1,6,7 TRANSIENT
—
—
±750
—
—
±500
—
—
±1500 mVpk
16-40-16VDC
RECOVERY
—
—
1.2
—
—
2.0
—
—
1.2
ms
START-UP
DELAY
—
—
25
—
—
30
—
—
25
ms
0TO28VIN,FULLLOAD
OVERSHOOT1
—
—
750
—
—
500
—
—
500
mVpk
CAPACITIVELOAD1
TC=25°C
NOEFFECTONDC
PERFORMANCE
—
—
10
—
—
100
—
—
10
µF
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Upto4watts(80%offullpower)isavailablefromeitheroutputprovidingthe
oppositeoutputiscarrying20%oftotalpower.
3.Showsregulationeffectontheminusoutputduringdefinedcrossloading
conditions.See“Figure24”and“Figure25”onpage11.
4.Anexternal2µHinductor,addedinseriestotheinput,isnecessarytomaintain
specifications.
5.Indefiniteshortcircuitprotectionnotguaranteedabove125°C(case).
6.Recoverytimeismeasuredfromapplicationofthetransienttopointatwhich
Voutiswithin1%ofVoutatfinalvalue.
7.Transitiontime>10µs.
table 11: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page9of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com