Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2812S/KR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMTR2812S/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2812S/KR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMTR2812S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
improveD Dynamic reSponSe
The SMTR Series feed-forward compensation system provides
excellent dynamic response and noise rejection. Audio rejection
is typically 40 dB. The min. to max. step line transient response
is typically less than 4%.
inhibit Function
SMTR converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output voltage and very
low quiescent input current. The converter is inhibited when the
inhibit pin is pulled below 0.8 V and enabled when its inhibit pin
is left floating. An external inhibit interface should be capable of
pulling the converter’s inhibit pin below 0.8 V while sinking the
maximum inhibit current and also allowing the inhibit pin to float
high to enable the converter. A voltage should not be applied to
the inhibit pin. The open circuit voltage present on the inhibit pin
is 9 to 11 V.
TRIM AND REMOTE SENSE (AVAILABLE ON SINGLE OUTPUT MODELS ONLy)
RL
REMOTE SENSE CONNECTION
2 Make connections at load.
SMTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
6
2
2
Output
Common
Positive
Input
Input
Common
Sense
Return
Positive
Sense
Positive
Output
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
RL
Output
Common
SMTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
Positive
Input
Input
Common
6
Sense
Return
Positive
Sense
Positive
Output
1
RT
1
Figure 1: trim connection 1, 2, 3, 4
Figure 2: remote SenSe 2, 3, 4
Notes for Remote Sense and Trim
1. When trimming output voltage and/or remote sensing, the
total output voltage increase must be less than 0.6 volts at the
converters pins. Do not exceed maximum power.
2. If neither voltage trim nor remote sense will be used, connect pin 3
to pin 4 and pin 5 to pin 6 or the output voltage will increase by 1.2
volts.
3. CAUTION: The converter will be permanently damaged if the
positive remote sense (pin 6) is shorted to ground. Damage may
also result if the output common or positive output is disconnected
from the load with the remote sense leads connected to the load.
4. When using remote sense for voltage compensation or when using
remote sense for trim, the output will drift over temperature. Contact
Applications Engineering for more information at powerapps@
crane-eg.com
Trim Formulas Vout = desired output voltage;
RT = trim resistor
3.3 V:
RT = 1300 * Vout – 4304
1.2475
5 V:
RT = 1300 * Vout – 6512
1.2475
12 V:
RT = 1300 * Vout – 15631
1.2475
15 V:
RT = 1300 * Vout – 19498
1.2475
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 2 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com