Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2812S/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMTR2812S/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2812S/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMTR2812S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ALL MODELS
PARAMETER
CONDITIONS
MIN
TyP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 SECONDS MAX.
—
—
300
°C
STORAGE TEMPERATURE 1
-65
—
+150
°C
CASE OPERATING
FULL POWER
-55
—
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
—
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLy
From 100% at 125°C to 0% at 135°C
ESD RATING 1
MIL-STD-883 METHOD 3015
2000 - 3999
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 2
ISOLATION: INPUT TO OUTPUT OR ANy
@ 500 VDC AT 25°C
100
—
—
Megohms
PIN TO CASE EXCEPT CASE PIN
INPUT TO OUTPUT CAPACITANCE 1
—
50
—
pF
CURRENT LIMIT 1, 2
% OF FULL LOAD
—
140
—
%
AUDIO REJECTION 1
—
40
—
dB
CONVERSION FREQUENCy
FREE RUN -55° TO +125°C
550
600
650
kHz
SyNCHRONIZATION
INPUT FREQUENCy
500
—
675
kHz
Sync is floating and isolated
DUTy CyCLE 1
40
—
60
%
ACTIVE LOW
—
—
0.8
V
ACTIVE HIGH 1
4.5
—
5
REFERENCED TO
INPUT COMMON
IF NOT USED
CONNECT TO INPUT COMMON
INHIBIT ACTIVE LOW (OUTPUT DISABLED) INHIBIT PIN PULLED LOW
—
—
0.8
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOURCE CURRENT 1
—
—
8
mA
REFERENCED TO
INPUT COMMON
INHIBIT ACTIVE HIGH (OUTPUT ENABLED) INHIBIT PIN CONDITION
OPEN COLLECTOR OR UNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN PIN VOLTAGE 1
9
—
11
V
table 5: operating conDitionS, all moDelS, 25°c caSe, 28 vin, 100% loaD, unleSS otherWiSe SpeciFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Dual outputs: The over-current limit will trigger when the sum of the currents from both outputs reaches 140% (typical value) of the maximum
rated “total” current of both outputs.
3. An external inhibit interface should be used to pull the inhibit low or leave it floating. The inhibit pin can be left unconnected if not used.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 5 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com