Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2812S/KR Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # SMTR2812S/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2812S/KR Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button SMTR2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
0.155 (3.94)
0.955 (24.26)
0.155 (3.94)
0.955 (24.26)
Seam Seal
0.040 dia
(1.02)
0.000
BOTTOM VIEW CASE H2
0.000
1.115 max. (28.32)
Squared corner and dot on top
of case indicate pin one.
Squared corner and dot on top
of case indicate pin one.
Weight: 50 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Gold plating of 50 - 150 microinches is included in pin diameter
Seal hole 0.120 ±0.002 (3.05 ± 0.05)
Case H2 SMTR S/D, Rev K, 2014.01.13
Please refer to the numerical dimensions for accuracy.
1.115 max. (28.32)
1
2
6
10
3
4
5
7
8
9
DUAL
6
10
7
8
9
1
2
3
4
5
SINGLE
Figure 23: Cases H2
Crane Aerospace & Electronics Power Solutions
Page 11 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14
www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com