Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2812S/KR Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMTR2812S/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2812S/KR Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMTR2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
table 8: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, Free run, unleSS otherWiSe SpeciFieD.
DUAL OUTPUT MODELS
SMTR2805D
SMTR2812D
SMTR2815D
PARAMETER
CONDITIONS
MIN
TyP
MAX
MIN
TyP
MAX
MIN
TyP
MAX UNITS
OUTPUT VOLTAGE
+ VOUT
4.85
5.00
5.15
11.64 12.00 12.36 14.55 15.00 15.45
V
- VOUT
4.82
5.00
5.18
11.58 12.00 12.42 14.47 15.00 15.53
OUTPUT CURRENT 2, 3
EITHER OUTPUT
0
2.5
4.5 1
0
1.25
2.25 1
0
1.00
1.80 1
A
VIN = 16 TO 40 V
TOTAL OUTPUT
—
—
5
—
—
2.5
—
—
2.00
OUTPUT POWER 2, 3
EITHER OUTPUT
0
12.5
22.5 1
0
15
27 1
0
15
27 1
W
VIN = 16 to 40 V
TOTAL OUTPUT
—
—
25
—
—
30
—
—
30
OUTPUT RIPPLE
TC = 25°C
—
20
50
—
30
120
—
25
80
mV p-p
10 kHz - 2 MHz ± VOUT
TC = -55°C TO +125°C
—
—
90
—
—
150
—
—
120
LINE REGULATION 4
+ VOUT
—
0
50
—
0
50
—
0
50
mV
VIN = 16 TO 40 V
- VOUT
—
10
100
—
15
150
—
10
180
LOAD REGULATION
+ VOUT
—
5
50
—
5
50
—
—
50
mV
NO LOAD TO FULL
- VOUT
—
15
100
—
30
150
—
—
180
CROSS REGULATION
SEE NOTE 5
—
—
12
—
—
8.3
—
—
8
%
EFFECT ON -VOUT, 25°C
SEE NOTE 6
—
—
12
—
—
8.3
—
—
8
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
V
NO LOAD TO FULL
TRANSIENT 50 ms 1
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
28
75
–
40
75
—
48
75
mA
INHIBITED
—
—
8
—
—
8
—
—
8
INPUT RIPPLE CURRENT 7 10 kHz - 10 MHz
—
25
50
—
35
50
—
35
50
mA p-p
EFFICIENCy
TC = 25°C
74
76
—
77
80
—
78
81
—
%
BALANCED LOAD
TC = -55°C TO +125°C
72
—
—
75
—
—
75
—
—
LOAD FAULT 8
POWER DISSIPATION
—
8
12
—
6
12
—
5
12
W
SHORT CIRCUIT
RECOVERy 1
—
—
5.0
—
—
5.0
—
—
5.0
ms
STEP LOAD RESPONSE 9
TRANSIENT
—
±150
±300
—
±200
±300
—
±220
±400
mV pk
50% - 100% - 50% ± VOUT
RECOVERy
—
—
200
—
—
200
—
—
200
µs
STEP LINE RESPONSE 1, 9 TRANSIENT
—
—
±400
—
—
±400
—
—
±500
mV pk
16 - 40 -16 V ± VOUT
RECOVERy
—
—
300
—
—
300
—
—
300
µs
START-UP 10
DELAy
—
—
5
—
—
5
—
—
5
ms
FULL LOAD
OVERSHOOT 1
—
0
180
—
0
150
—
0
150
mV pk
CAPACITIVE LOAD 1
TC = 25°C
NO EFFECT ON DC
PERFORMANCE
—
—
3000
—
—
3000
—
—
3000
µF
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. The specified max current is available from either output.
3. Up to 90% of the total output current/power is available from either output
providing the opposite output is carrying at least 10% of the total output power.
4. Operation is limited below 16 V (see Figure 22 on page 10).
5. Effect on the negative output under the following conditions:
+POUT 20% to 80%; –POUT 80% to 20%.
6. Effect on the negative output under the following conditions:
+POUT 50%; –POUT 10% to 50%. See Figure 21 on page 10.
7. Tested with 6800 pF ceramic bypass capacitor connected externally from input
common to case.
8. Indefinite short circuit protection not guaranteed above 125°C case temperature.
9. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of final value.
10. Tested on release from inhibit.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 8 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com