Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2812S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMTR2812S/KR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2812S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMTR2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMTR2812S/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Operation is limited below 16 V (see Figure 22 on page 10).
3. Tested with 6800 pF ceramic bypass capacitor connected externally from
input common to case.
4. Short circuit protection not guaranteed above 125°C case temperature.
5. Recovery time is measured from application of the transient to the point
at which VOUT is within 1% of final value.
6. Tested on release from inhibit.
table 6: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, Free run, unleSS otherWiSe SpeciFieD.
SINGLE OUTPUT MODELS
SMTR283R3S
SMTR2805S
PARAMETER
CONDITIONS
MIN
TyP
MAX
MIN
TyP
MAX
UNITS
OUTPUT VOLTAGE
3.201
3.3
3.399
4.85
5.00
5.15
V
OUTPUT CURRENT
VIN = 16 TO 40 V
0
—
5.45
0
—
5.0
A
OUTPUT POWER
VIN = 16 TO 40 V
—
—
18
0
—
25
W
OUTPUT RIPPLE
TC = 25°C
—
20
40
—
20
50
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
50
—
—
90
LINE REGULATION 2
VIN = 16 TO 40 V
—
0
20
—
10
50
mV
LOAD REGULATION
NO LOAD TO FULL
—
2
20
—
10
50
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
V
NO LOAD TO FULL
TRANSIENT 50 ms 1
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
30
75
—
35
75
mA
INHIBITED
—
—
8
—
—
8
INPUT RIPPLE CURRENT 3 10 kHz - 10 MHz
—
25
50
—
25
50
mA p-p
EFFICIENCy
TC = 25°C
70
73
—
74
78
—
%
TC = -55°C TO +125°C
66
—
—
71
—
—
LOAD FAULT 4
POWER DISSIPATION
—
—
12
—
—
14
W
SHORT CIRCUIT
RECOVERy 1
—
—
6
—
—
5
ms
STEP LOAD RESPONSE 5
TRANSIENT
—
±130
±300
—
±180
±300
mV pk
0% - 100% - 50%
RECOVERy
—
—
200
—
—
200
µs
STEP LINE RESPONSE 1, 5 TRANSIENT
—
—
±300
—
—
±300
mV pk
VIN 16 - 40 -16 V
RECOVERy
—
—
300
—
—
300
µs
START-UP 6
DELAy
—
—
5
—
—
5
ms
FULL LOAD
OVERSHOOT
—
0
50
—
0
50
mV pk
CAPACITIVE LOAD 1
NO EFFECT ON DC
—
—
3000
—
—
3000
µF
TC = 25°C
PERFORMANCE
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 6 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com