Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83924 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 34Page - National Semiconductor (TI) DP83924 Datasheet HTML 35Page - National Semiconductor (TI) DP83924 Datasheet HTML 36Page - National Semiconductor (TI) DP83924 Datasheet HTML 37Page - National Semiconductor (TI) DP83924 Datasheet HTML 38Page - National Semiconductor (TI) DP83924 Datasheet HTML 39Page - National Semiconductor (TI) DP83924 Datasheet HTML 40Page - National Semiconductor (TI) DP83924 Datasheet HTML 41Page - National Semiconductor (TI) DP83924 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
7.0 AC and DC Electrical Specifications (Continued)
39
www.national.com
7.2.12 AUI End of Packet Transmit Timing
Symbol
Parameter
Min
Max
Units
t40
TXE Hold Time from TXC rising edg
5
ns
t41
TX End of Packet Hold Time with “0” ending bit
1951
1. This is measured from zero crossing to when the output goes below 380 mV as per IEEE 802.3 page 512.
ns
t42
TX End of Packet Hold Time with “1” ending bit
195
ns
TXC
TXE
TXD
Last Bit
1
0
0 , 1
TX±
00
1
1
TX±
t41
t42
‘0’ Ending Pkt
‘1’ Ending Pkt
t40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com