Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83924 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 19Page - National Semiconductor (TI) DP83924 Datasheet HTML 20Page - National Semiconductor (TI) DP83924 Datasheet HTML 21Page - National Semiconductor (TI) DP83924 Datasheet HTML 22Page - National Semiconductor (TI) DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) DP83924 Datasheet HTML 26Page - National Semiconductor (TI) DP83924 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
www.national.com
4.0 Register Descriptions (Continued)
This register controls the various operating modes available for the transceiver and ENDEC functions. This register will
affect the operation of ALL ports of the 4TPhy.
Table 13. Global Control/Mask Register, addr = 08h
D15 : D14
D13
D12
D11
D10
D9
D8 : D3
D2
D1
D0
RESV
LNKJABINT AUTOSW TPIAUI HBEN ENPOLSW
RESV
KLED LJINTMASK GATERXC
Name
Bit
Reset
Value
Description
Type
resv
D15-14
0
Reserved; must be written with ‘0’.
R/W
LNKJABINT
D13
0
Link Jabber Interrupt Status; This bit is set when an interrupt occurs
due to a link status change or a jabber condition on any port. This bit
is cleared on a register read (the interrupt is also cleared).
R
AUTOSW
D12
1
Auto Switching; If this bit is set, automatic selection of TPI or AUI on
port 1 is enabled. If reset, port 1 configuration is determined by the
TPIAUI bit.
R/W
TPIAUI
D11
1
TPI Select; If this bit is set, then port 1 is placed into TP mode. If reset,
then port 1 is configured for AUI mode.
This bit is ignored if the AUTOSW bit is set.
R/W
HBEN
D10
1
Heartbeat Enable; If this bit is set, then heartbeat is enabled. If reset,
it is disabled for all ports.
R/W
ENPOLSW
D9
1
Enable Polarity Switching; If this bit is set, then auto polarity detec-
tion and correction is enabled for all ports. If reset, it is disabled.
R/W
MAC I/F
D[8:6]
Strap
RXD[3:1]
MAC Interface selection; Selects between one of 5 Serial NRZ MAC
interface protocols. See the table in the Interface Description chapter
for details on the different modes.
R/W
resv
D5
0
Reserved; must be written with ‘0’.
R/W
RXD_IDLE
D4
Opposite
of strap
option
LINK_1
RXD Level During Idle - selects the level of RXD during Rx Idle (CRS
deasserted). ‘1’ selects RXD_IDLE = High, ‘0’ selects RXD_IDLE=
Low. Default condition is for RXD to be low during Idle.The reset value
is determined by the mode selected by the LINK_1 pin and is opposite
of the strap value. (i.e. if strap LINK_1 =’1’ then reset value of this bit
= ‘0’)
R/W
resv
D3
0
Reserved; must be written with ‘0’.
R/W
KLED
D2
0
Enhanced LED Mode; If this bit is set, “enhanced” LED mode is se-
lected. If reset, “normal” LED mode is selected.
R/W
LJINTMASK
D1
0
Link Jabber Interrupt Mask; If this bit is set, an interrupt will NOT be
generated on a link-fail or jabber condition experienced on any port. If
reset, interrupt generation is enabled.
R/W
GATERXC
D0
Strap
COL[4]
RXC Gated; If this bit is set, five RXC clocks are forced after CRS is
deasserted. If reset, then RXC clocks are continuous after CRS deas-
serts.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com