Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83924 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 9Page - National Semiconductor (TI) DP83924 Datasheet HTML 10Page - National Semiconductor (TI) DP83924 Datasheet HTML 11Page - National Semiconductor (TI) DP83924 Datasheet HTML 12Page - National Semiconductor (TI) DP83924 Datasheet HTML 13Page - National Semiconductor (TI) DP83924 Datasheet HTML 14Page - National Semiconductor (TI) DP83924 Datasheet HTML 15Page - National Semiconductor (TI) DP83924 Datasheet HTML 16Page - National Semiconductor (TI) DP83924 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
2.0 Interface Descriptions (Continued)
13
www.national.com
Figure 7. AUI Interface Schematics.
Figure 8. External Oscillator Connection Diagram
DB15
CD+
CD-
RX+
RX-
TX+
TX-
R1
R2
39.2
Ω
39.2
Ω
C1
0.01
µF
R3
R4
39.2
Ω
39.2
Ω
C2
0.01
µF
CD+
CD-
RX+
RX-
TX+
TX-
+12V
+12V
GND
AUI
1:1
T2
X1
VCC
Oscillator
To Internal
Circuit
Oscillator
20MHz, 0.01%
40-60% Duty Cycle
Drive
≥ 2 TTL Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com