Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83924 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 14Page - National Semiconductor (TI) DP83924 Datasheet HTML 15Page - National Semiconductor (TI) DP83924 Datasheet HTML 16Page - National Semiconductor (TI) DP83924 Datasheet HTML 17Page - National Semiconductor (TI) DP83924 Datasheet HTML 18Page - National Semiconductor (TI) DP83924 Datasheet HTML 19Page - National Semiconductor (TI) DP83924 Datasheet HTML 20Page - National Semiconductor (TI) DP83924 Datasheet HTML 21Page - National Semiconductor (TI) DP83924 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
3.0 Detailed Functional Description (Continued)
18
www.national.com
negotiate to 10Mb/s Half Duplex operation by detecting link
pulses separated by 8-24 ms.
3.4.20 Auto-Negotiation Restart
Once Auto-Negotiation has completed it may be restarted
at any time byfirst resetting and then setting bit 9 of the
BMCR to one. If the mode configured by a successful Auto-
Negotiation loses a valid link, then the Auto-Negotiation
process will resume and attempt to determine the configu-
ration for the link. This function ensures that a valid config-
uration is maintained if the cable becomes disconnected.
A renegotiation request fromany entity, such as a manage-
ment agent, will cause the 4TPHY to halt any transmit data
and link pulse activity until the break_link_timer expires
(1500ms). Consequently, the Link Partner will go into link
fail and normal Auto-Negotiation resumes. The 4TPHY will
resume Auto-Negotiation after the break_link_timer has
expired by issuing FLP (fast Link Pulse) bursts.
3.4.21 Enabling Auto-Negotiation via Software
It is important to note that if the 4TPHY has been initialized
upon power-up as a non-auto-negotiating device (forced
technology), and it is then required that auto-negotiation of
re-auto-negotiation be initiated via software, bit 0 of the
Basic Mode Control Register must first be cleared and then
set for any auto-negotiation function to take effect.
3.5 JTAG Boundary Scan
The 4TPHY supports JTAG Boundary Scan per IEEE
1149.1 via test clock (TCK), test data input (TDI), test data
output (TDO), test mode select (TMS), and test reset
(TRST). The IEEE 1149.1 standard defines a test access
port and boundary-scan architecture for digital integrated
circuits and for the digital portions of mixed analog/digital
integrated circuits. Figur e12 depicts the IEEE 1149.1
architecture
The standard provides a solution for testing assembled
printed circuit boards and other products based on highly
complex digital integrated circuits and high-density surface-
mounting assembly techniques. It also provides a means of
accessing and controlling design-for-test features built into
the digital integrated circuits. Such features include internal
scan paths and self-test functions as well as other features
intended to support service applications in the assembled
product. The IEEE 1149.1 Boundary Scan Architecture
document should be referenced for additional detail.
The
circuitry defined by
this
standard
allows test
instructions and associated data to be input serially into a
device. The instruction execution results are output serially.
The DP83924B reserves five pins, called the Test Access
Port (TAP), to provide test access: TMS, TCK, Test Data
Input (TDI), Test Data Output (TDO) and Test Reset
(TRST). These signals are describe d in T able4 on page7.
To ensure race-free operation all input and output data is
synchronous to the test clock (TCK). TAP input signals
(TMS and TDI) are clocked into the test logic on the rising
edge of TCK while output signal (TDO) is clocked on the
falling edge.
3.5.22 Test Logic
The IEEE 1149.1 Test Logic consists of a Test Access Port
(TAP) controller, an instruction register, and a group of test
data registers including Bypass, Device Identification and
Boundary Scan registers.
TheTAP controller is a synchronous 16 state machine that
responds to changes at the TMS and TCK signals.
This controls the sequence of operations by generating
clock and control signals to the instruction and test data
registers. The control signals switch TDI and TDO between
instruction and test data registers
The DP83924B implements 4 basic instructions: ID_Code,
bypass, Sample/Preload and Extest. Upon reset, the
ID_Code instruction is selected by default.
Figure 11. Auto-Negotiation Block Diagram
10BASE-T
Transceiver
10BASE-T
Transceiver
10BASE-T
Transceiver
10BASE-T
Transceiver
Auto-negotiation
Block
Auto-negotiation
Block
Auto-negotiation
Block
Auto-negotiation
Block
Timer Block
To Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com