Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83924 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83924 Datasheet HTML 17Page - National Semiconductor (TI) DP83924 Datasheet HTML 18Page - National Semiconductor (TI) DP83924 Datasheet HTML 19Page - National Semiconductor (TI) DP83924 Datasheet HTML 20Page - National Semiconductor (TI) DP83924 Datasheet HTML 21Page - National Semiconductor (TI) DP83924 Datasheet HTML 22Page - National Semiconductor (TI) DP83924 Datasheet HTML 23Page - National Semiconductor (TI) DP83924 Datasheet HTML 24Page - National Semiconductor (TI) DP83924 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
www.national.com
4.0 Register Descriptions
4.1 Register Map and Descriptions
The following is an overall register map for the trans-
ceiver/ENDEC. There are two groups of registers. The first
group provides individual port control which configures and
reports status for functions applicable on a port basis. The
second group provides global control which enables config-
uration of operations that are common to all the ports.
Table 11. DP83924B Register Map Accessible via the Management Interface
Register
Address
Name
Description
Access
00H
Port 1 Control/Status.
Configuration setting and Operational Status for Port 1.
R/W
01H
Port 2 Control/Status.
Configuration setting and Operational Status for Port 2.
R/W
02H
Port 3 Control/Status.
Configuration setting and Operational Status for Port 3.
R/W
03H
Port 4 Control/Status.
Configuration setting and Operational Status for Port 4.
R/W
04H - 07H reserved
reserved
R
08H
Global Control/Status Register.
Global setting and interrupt capabilities.
R/W
09H
Port 1 Basic Mode Control Register. Port 1’s Auto-Negotiation Control And Status Register.
R/W
0AH
Port 2 Basic Mode Control Register. Port 2’s Auto-Negotiation Control And Status Register.
R/W
0BH
Port 3 Basic Mode Control Register. Port 3’s Auto-Negotiation Control And Status Register.
R/W
0CH
Port 4 Basic Mode Control Register. Port 4’s Auto-Negotiation Control And Status Register.
R/W
0DH
Silicon Revision.
Programmed with a number representing the design revi-
sion.
R
0EH
Port 1 Auto-Negotiation Advertise-
ment Register.
Auto-Negotiation advertisement register for port 1.
R/W
0FH
Port 2 Auto-Negotiation Advertise-
ment Register.
Auto-Negotiation advertisement register for port 2.
R/W
10H
Port 3 Auto-Negotiation Advertise-
ment Register.
Auto-Negotiation advertisement register for port 3.
R/W
11H
Port 4 Auto-Negotiation Advertise-
ment Register.
Auto-Negotiation advertisement register for port 4.
R/W
12H
Port 1 Link Partner Ability Register.
Link Partner Ability Register for Port 1.
R/W
13H
Port 2 Link Partner Ability Register.
Link Partner Ability Register for Port 2.
R/W
14H
Port 3 Link Partner Ability Register.
Link Partner Ability Register for Port 3.
R/W
15H
Port 4 Link Partner Ability Register.
Link Partner Ability Register for Port 4.
R/W
16H
Port 1 Auto-Negotiation Expansion
Register.
Port 1 Expansion Register for Auto-Negotiation.
R/W
17H
Port 2 Auto-Negotiation Expansion
Register.
Port 2 Expansion Register for Auto-Negotiation.
R/W
18H
Port 3 Auto-Negotiation Expansion
Register.
Port 3 Expansion Register for Auto-Negotiation.
R/W
19H
Port 4 Auto-Negotiation Expansion
Register.
Port 4 Expansion Register for Auto-Negotiation.
R/W
1AH
Port 1 Next Page Transmit Register. Port 1’s Auto-Negotiation Next Page Transmit Register.
R/W
1BH
Port 2 Next Page Transmit Register. Port 2’s Auto-Negotiation Next Page Transmit Register.
R/W
1CH
Port 3 Next Page Transmit Register. Port 3’s Auto-Negotiation Next Page Transmit Register.
R/W
1DH
Port 4 Next Page Transmit Register. Port 4’s Auto-Negotiation Next Page Transmit Register.
R/W
1EH
reserved
reserved
R
1FH
Test Control.
Controls test functions for manufacturing test of the de-
vice.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com