Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932C Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 35Page - National Semiconductor (TI) DP83932C Datasheet HTML 36Page - National Semiconductor (TI) DP83932C Datasheet HTML 37Page - National Semiconductor (TI) DP83932C Datasheet HTML 38Page - National Semiconductor (TI) DP83932C Datasheet HTML 39Page - National Semiconductor (TI) DP83932C Datasheet HTML 40Page - National Semiconductor (TI) DP83932C Datasheet HTML 41Page - National Semiconductor (TI) DP83932C Datasheet HTML 42Page - National Semiconductor (TI) DP83932C Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
40 SONIC Registers (Continued)
437 Data Configuration Register 2
(RAk50l e 3Fh)
This register
(Figure 4-10) is for enabling the extended bus interface options
A hardware reset will set all bits in this register to ‘‘0’’ except for the Extended Programmable Outputs which are unknown until
written to and bits 5 to 11 which must always be written with 0s but are ‘‘don’t cares’’ when read A software reset will not affect
any bits in this register This register should only be written to when the SONIC is in software reset (the RST bit in the Command
Register is set)
15
14
13
12
11
10
98765
4
3
2
1
0
EXPO3
EXPO2
EXPO1
EXPO0
0
0
0
0000
PH
0PCM
PCNM
RJCM
rw
rw
rw
rw
rw
rw
rw
rw
rwereadwrite
FIGURE 4-10 Data Configuration Register
Field
Meaning
EXPO3 – 0 EXTENDED PROGRAMMABLE OUTPUTS
PH
PROGRAM HOLD
PCM
PACKET COMPRESS WHEN MATCHED
PCNM
PACKET COMPRESS WHEN NOT MATCHED
RJCM
REJECT ON CAM MATCH
Bit
Description
15–12
EXPOk30l EXTENDED PROGRAMMABLE OUTPUTS
These bits program the level of the Extended User outputs (EXUSRk30l) when the SONIC is a bus master
Writing a ‘‘1’’ to any of these bits programs a high level to the corresponding output Writing a ‘‘0’’ to any of these
bits programs a low level to the corresponding output EXUSRk30l are similiar to USRk10l except that
EXUSRk30l are only available when the Extended Bus mode is selected (bit 15 in the DCR is set to ‘‘1’’ see
Section 432)
11 – 5
Must be written with zeroes
4
PH PROGRAM HOLD
When this bit is set to ‘‘0’’ the HOLD request output is asserteddeasserted from the falling edge of bus clock If this
bit is set to ‘‘1’’ HOLD will be asserteddeasserted
clock later on the rising edge of bus clock
3
Must be zero
2
PCM PACKET COMPRESS WHEN MATCHED
When this bit is set to a ‘‘1’’ (and the PCNM bit is reset to a ‘‘0’’) the PCOMP output will be asserted if the
destination address of the packet being received matches one of the entries in the CAM (Content Addressable
Memory) This bit along with PCNM is used with the Management Bus of the DP83950 Repeater Interface
Controller (RIC) See the DP83950 datasheet for more details on the RIC Management Bus This mode is also called
the Managed Bridge Mode
Note 1
Setting PCNM and PCM to ‘‘1’’ at the same time is not allowed
Note 2
If PCNM and PCM are both ‘‘0’’ the PCOMP output will remain TRI-STATE until PCNM or PCM are changed
1
PCNM COMPRESS WHEN NOT MATCHED
When this bit is set to a ‘‘1’’ (and the PCM bit is set to ‘‘0’’) the PCOMP output will be asserted if the destination
address of the packet does not match one of the entries in the CAM See the PCM bit above This mode is also
called the Managed Hub Mode
Note
PCOMP will not be asserted if the destination address is a broadcast address This is true regardless of the state of the BRD bit in the
Receive Control Register
0
RJCM REJECT ON CAM MATCH
When this bit is set to ‘‘1’’ the SONIC will reject a packet on a CAM match Setting RJCM to ‘‘0’’ causes the SONIC
to operate normally by accepting packets on a CAM match Setting this mode is useful for a small bridge with a
limited number of nodes attached to it RJCM only affects the CAM though Setting RJCM will not invert the function
of the BRD PRO or AMC bits (to accept broadcast all physical or multicast packets respectively) in the Receive
Control Register (see Section 433) This means for example that it is not possible to set RJCM and BRD to reject
all broadcast packets If RJCM and BRD are set at the same time however all broadcast packets will be accepted
but any packets that have a destination address that matches an address in the CAM will be rejected
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com