Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932C Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 87Page - National Semiconductor (TI) DP83932C Datasheet HTML 88Page - National Semiconductor (TI) DP83932C Datasheet HTML 89Page - National Semiconductor (TI) DP83932C Datasheet HTML 90Page - National Semiconductor (TI) DP83932C Datasheet HTML 91Page - National Semiconductor (TI) DP83932C Datasheet HTML 92Page - National Semiconductor (TI) DP83932C Datasheet HTML 93Page - National Semiconductor (TI) DP83932C Datasheet HTML 94Page - National Semiconductor (TI) DP83932C Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
70 AC and DC Specifications (Continued)
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T56
CS Asynch Setup to BSCK (Notes 3 4)
8
7
6
ns
T60
CS Valid to SMACK Low (Notes 2 3 4)
1
5
1
5
1
5
bcyc
T63
Register Address Setup to SAS
654
ns
T64
Register Address Hold from SAS
876
ns
T67
SRW (Read) Setup to SAS
432
ns
T69
SAS Asynch Setup to BSCK (Notes 3 4)
7
6
5
ns
T69a
SAS Asynch Setup to BSCK (Notes 3 5)
5
4
3
ns
T74
SRW (Read) Hold from SAS
876
ns
T75a
BSCK to DSACK01 Low
14
12
10
ns
T77
CS to DSACK01 High (Note 5)
20
18
16
ns
T77a
SAS to DSACK01 High (Note 5)
24
22
20
ns
T77b
BSCK to DSACK01 TRI-STATE (Note 5)
19
17
15
ns
T78
Skew between DSACK01
332
ns
T79a
BSCK to SMACK High (Note 5)
19
17
15
ns
T81
BSCK to SMACK Low
22
20
18
ns
T82
BSCK to Register Data Valid
44
42
40
ns
T85a
Min CS Deassert Time (Notes 2 3)
1
1
1
bcyc
T86
SAS to Register Data TRI-STATE (Note 6)
42
40
38
ns
Note 1
This figure shows a slave access to the SONIC when the SONIC is idle or rather not in master mode If the SONIC is a bus master there will be some
differences as noted in the Memory ArbitrationSlave Access diagram The BSCK states (T1 T2 etc) are the equivalent processor states during a slave access
Note 2
bcyc e bus clock cycle time (T3)
Note 3
It is not necessary to meet the setup time for CS and SAS (T56 and T69) since these signals are asynchronously sampled Meeting the setup time for these
signals however makes it possible to use T60 to determine when SMACK will be asserted SAS may be asserted anytime before the next falling edge of the clock
that the CS is sampled on (as shown by specification T69) For multiple register accesses CS can be held low and SAS can be used to delimit the slave cycle
(T69a must be met in order to terminate and start another cycle) In this case SMACK will be asserted as soon as T69 timing is met
Note 4
T60 could range from 1 bus clock minimum to 5 bus clock maximum depending on what state machine the SONIC is in when the CS signal is asserted This
timing is not tested but is guaranteed by design This specification assumes that both T56 is met for CS and T69 is met for SAS T60 specification also assumes
that there were no wait states in the current master mode access (if CS is asserted when SONIC is in Master Mode) If there were wait states then it would increase
the T60 further
Note 5
It is not necessary to meet the setup times for SAS (T69a) since this signal is asynchronously sampled Meeting the setup time for this signal however will
ensure DSACK01 becomes TRI-STATE (T77b) and SMACK goes high (T79) at the falling edge of T1 Both CS and SAS could cause DSACK01 to deassert but
only SAS could cause DSACK01 to become TRI-STATE
Note 6
This timing value includes an RC delay inherent in the test measurement These signals typically TRI-STATE 7 ns earlier enabling other devices to drive
these lines without contention
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com