Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932C Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 45Page - National Semiconductor (TI) DP83932C Datasheet HTML 46Page - National Semiconductor (TI) DP83932C Datasheet HTML 47Page - National Semiconductor (TI) DP83932C Datasheet HTML 48Page - National Semiconductor (TI) DP83932C Datasheet HTML 49Page - National Semiconductor (TI) DP83932C Datasheet HTML 50Page - National Semiconductor (TI) DP83932C Datasheet HTML 51Page - National Semiconductor (TI) DP83932C Datasheet HTML 52Page - National Semiconductor (TI) DP83932C Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
50 Bus Interface (Continued)
TABLE 5-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
BUS INTERFACE PINS
(Continued)
CS
I
Chip Select
The system asserts this pin low to access the SONIC’s registers The
registers are selected by placing an address on lines RA5 – RA0
Note
Both CS and MREQ must not be asserted concurrently If these signals are
successively asserted there must be at least two bus clocks between the deasserting
edge of the first signal and the asserting edge of the second signal
SAS
I
Slave Address Strobe
The system asserts this pin to latch the register address on
lines RA0 – RA5 When BMODE e 1 the address is latched on the falling edge of SAS
When BMODE e 0 the address is latched on the rising edge of SAS
SRW
I
The system asserts this pin to indicate whether it will read from or write to the SONIC’s
SWR
I
registers
Slave ReadWrite (SRW)
When BMODE e 1 this signal is asserted high during a
read and low during a write
Slave WriteRead (SWR)
when BMODE e 0 this signal is asserted low during a read
and high during a write
DS
TRI
O Z
Data Strobe
When the SONIC is bus master it drives this pin low during a read cycle to
indicate that the slave device may drive data onto the bus in a write cycle this pin
indicates that the SONIC has placed valid data onto the bus
DSACK0
TRI
I O Z
Data and Size Acknowledge 0 and 1
(DSACK01 BMODE e 1) These pins are the
RDYi
I
output slave acknowledge to the system when the SONIC registers have been
DSACK1
TRI
I O Z
accessed and the input slave acknowledgement when the SONIC is busmaster When a
RDYo
TP
O
register has been accessed the SONIC drives both DSACK0 and DSACK1 pins low to
terminate the slave cycle (Note that the SONIC responds as a 32-bit peripheral by
driving both DSACK0 and DSACK1 low but drives data only on lines D0 – D15 Lines
D16 – D31 are driven but invalid) When the SONIC is bus master it samples these pins
before terminating its memory cycle When SONIC is in 32-bit bus master mode both
DSACK0 and DSACK1 must be asserted to terminate the cycle However if the SONIC
is in 16-bit bus master mode only the assertion of DSACK1 is required to terminate the
cycle These pins are sampled synchronously or asynchronously depending on the state
of the SBUS bit in the Data Configuration register See Section 545 for details Note
that the SONIC does not allow dynamic bus sizing Bus size is statically defined in the
Data Configuration register (see Section 432)
Ready Input
(RDYi BMODE e 0) When the SONIC is a bus master the system
asserts this signal high to insert wait-states and low to terminate the memory cycle This
signal is sampled synchronously or asynchronously depending on the state of the SBUS
bit See Section 545 and 432 for details
Ready Output
(RDYo BMODE e 0) When a register is accessed the SONIC asserts
this signal to terminate the slave cycle
BRT
I
Bus Retry
When the SONIC is bus master the system asserts this signal to rectify a
potentially correctable bus error This pin has 2 modes Mode 1 (the LBR in the Data
Configuration register is set to 0) Assertion of this pin forces the SONIC to terminate
the current bus cycle and will repeat the same cycle after BRT has been deasserted
Mode 2 (the LBR bit in the Data Configuration register is set to 1) Assertion of this
signal forces the SONIC to retry the bus operation as in Mode 1 However the SONIC
will not continue DMA operations until the BR bit in the ISR is reset
ECS
TRI
O Z
Early Cycle Start
This output gives the system earliest indication that a memory
operation is occurring This signal is driven low at the rising edge of T1 and high at the
falling edge of T1
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com