Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932C Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 43Page - National Semiconductor (TI) DP83932C Datasheet HTML 44Page - National Semiconductor (TI) DP83932C Datasheet HTML 45Page - National Semiconductor (TI) DP83932C Datasheet HTML 46Page - National Semiconductor (TI) DP83932C Datasheet HTML 47Page - National Semiconductor (TI) DP83932C Datasheet HTML 48Page - National Semiconductor (TI) DP83932C Datasheet HTML 49Page - National Semiconductor (TI) DP83932C Datasheet HTML 50Page - National Semiconductor (TI) DP83932C Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
50 Bus Interface (Continued)
TABLE 5-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
(Continued)
LBK
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 432
EXBUS for more information)
EXUSR2
TRI
O Z
Loopback (LBK)
When ENDEC loopback is programmed LBK is asserted high
Although this signal is used internally by the SONIC it is also provided as an output to
the user
Extended User Output (EXUSR2)
When EXBUS has been set (see Section 432) this
pin becomes a programmable output It will remain TRI-STATE until the SONIC
becomes a bus master at which time it will be driven according to the value
programmed in the DCR2 (Section 437)
PCOMP
TRI
O Z
Packet Compression
This pin is used with the Management Bus of the DP83950
Repeater Interface Controller (RIC) The SONIC can be programmed to assert PCOMP
whenever there is a CAM match or when there is not a match The RIC uses this signal
to compress (shorten) a received packet for management purposes and to reduce
memory usage (See the DP83950 datasheet for more details on the RIC Management
Bus) The operation of this pin is controlled by bits 1 and 2 in the DCR2 register PCOMP
will remain TRI-STATE until these bits are written to This signal is asserted right after
the 4th bit of the 7th byte of the incoming packet and is deasserted one transmit clock
(TXC) after CRS is driven low
SEL
I
Mode Select (EXT e 0)
This pin is used to determine the voltage relationship between
TXa and TXb during idle at the primary of the isolation transformer on the network
interface When tied to VCC TXa and TXb are at equal voltages during idle When tied
to ground the voltage at TXa is positive with respect to TXb during idle on the primary
side of the isolation transformer (
Figure 6-2 )
PREJ
I
Packet Reject
This signal is used to reject received packets When asserted low for at
least two receive clocks (RXC) the SONIC will reject the incoming packet This pin can
be asserted up to the 2nd to the last bit of reception to reject a packet
OSCOUT
TP
O
Crystal Feedback Output
This signal is used to provide clocking signals for the
internal ENDEC A crystal can be connected to this pin along with OSCIN See Section
613 for more information about using oscillators or crystals
OSCIN
I
Crystal Feedback Input or External Oscillator Input
This signal is used to provide
clocking signals for the internal ENDEC A crystal may be connected to this pin along
with OSCOUT or an oscillator module may be used Typically the output of an oscillator
module is connected to this pin See Section 613 for more information about using
oscillator modules or crystals
BUS INTERFACE PINS
BMODE
I
Bus Mode
This input enables the SONIC to be compatible with standard
microprocessor buses The level of this pin affects byte ordering (little or big endian) and
controls the operation of the bus interface control signals A high level (tied to VCC)
selects Motorola mode (big endian) and a low level (tied to ground) selects National
Intel mode (little endian) Note the alternate pin definitions for AS ADS MRW MWR
INT INT BR HOLD BG HLDA SRW SWR DSACK0 RDYo and DSACK1 RDYi
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com