Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83932C Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 67Page - National Semiconductor (TI) DP83932C Datasheet HTML 68Page - National Semiconductor (TI) DP83932C Datasheet HTML 69Page - National Semiconductor (TI) DP83932C Datasheet HTML 70Page - National Semiconductor (TI) DP83932C Datasheet HTML 71Page - National Semiconductor (TI) DP83932C Datasheet HTML 72Page - National Semiconductor (TI) DP83932C Datasheet HTML 73Page - National Semiconductor (TI) DP83932C Datasheet HTML 74Page - National Semiconductor (TI) DP83932C Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
60 Network Interfacing (Continued)
TLF10492 – 81
FIGURE 64 Crystal Connection to the SONIC
(see text)
Note 1
The OSCOUT pin is not guaranteed to provide a TTL compatible
logic output and should not be used to drive any external logic If
additional logic needs to be driven then an external oscillator
should be used as described in the following section
Note 2
The frequency marked on the crystal is usually measured with a
fixed load capacitance specified in the crystal’s data sheet The
actual load capacitance used should be the specified value minus
the stray capacitance
TABLE 6-1 Crystal Specifications
Resonant frequency
20 MHz
Tolerance (see text)
001% at 25 C
Accuracy
0005% (50 ppm) at 0 to 70 C
Fundamental Mode
Series Resistance
s
25X
Specified Load
Capacitance
s
18 pF
Type
AT cut
Circuit
Parallel Resonance
6132 Clock Oscillator Module
The SONIC also allows for an external clock oscillator to be
used The connection configuration is shown in
Figure 65
This connection requires an oscillator with the following
specifications
1 TTL or CMOS output with a 001% frequency tolerance
2 40% – 60% duty cycle (50% duty cycle preferred)
3 One CMOS loads output drive
The above assumes no other circuitry is driven In this con-
figuration the OSCOUT pin must be left open
TLF10492 – 83
FIGURE 65 Oscillator Module Connection to the SONIC
6133 PCB Layout Considerations
Care should be taken when connecting a crystal Stray ca-
pacitance (eg
from PC board traces and plated through
holes around the OSCIN and OSCOUT pins) can shift the
crystal’s frequency out of range causing the transmitted fre-
quency to exceed the 001% tolerance specified by IEEE
The layout considerations for using an external crystal are
rather straightforward The oscillator layout should locate all
components close to the OSCIN and OSCOUT pins and
should use short traces that avoid excess capacitance and
inductance A solid ground should be used to connect the
ground legs of the two capacitors
When connecting an external oscillator the only considera-
tions are to keep the oscillator module as close to the
SONIC as possible to reduce stray capacitance and induc-
tance and to give the module a clean VCC and a solid
ground
614 Power Supply Considerations
In general power supply routing and design for the SONIC
need only follow standard practices In some situations
however additional care may be necessary in the layout of
the analog supply Specifically special care may be needed
for the TXVCC RXVCC and PLLVCC power supplies and
the TXGND and ANGND In most cases the analog and
digital power supplies can be interconnected However to
ensure optimum performance of the SONIC’s analog func-
tions power supply noise should be minimized To reduce
analog supply noise any of several techniques can be used
1 Route analog supplies as a separate set of traces or
planes from the digital supplies with their own decoupling
capacitors
2 Provide noise filtering on the analog supply pins by insert-
ing a low pass filter Alternatively a ferrite bead could be
used to reduce high frequency power supply noise
3 Utilize a separate regulator to generate the analog sup-
ply
The PLLVCC pin is the a5V power supply for the phase lock
loop (PLL) of the SONIC ENDEC unit Since this is an ana-
log circuit excessive noise on the PLLVCC pin can affect
the performance of the PLL This noise if in the 10 kHz to
400 kHz range can reduce the jitter performance of the
ENDEC resulting in missing packets or CRC errors If the
power supply noise is causing significant packet reception
error a low pass filter could be added to reduce the power
supply noise and hence improve the jitter performance
Standard analog design techniques should be utilized when
laying out the power supply traces on the board If the digital
power supply is used it may be desirable to add a one pole
RC filter (designed to have a cut-off frequency of 1 kHz) as
shown in
Figure 66 to improve the jitter performance The
PLLVCC only draws 3 mA–4 mA so the voltage across the
resistor is less than 90 mV which will not affect the PLL’s
operation
TLF10492 – 87
FIGURE 66 Filtering the Power Supply Noise
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com