Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 2 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 2 Page - Texas Instruments

  SLK2501IPZP Datasheet HTML 1Page - Texas Instruments SLK2501IPZP Datasheet HTML 2Page - Texas Instruments SLK2501IPZP Datasheet HTML 3Page - Texas Instruments SLK2501IPZP Datasheet HTML 4Page - Texas Instruments SLK2501IPZP Datasheet HTML 5Page - Texas Instruments SLK2501IPZP Datasheet HTML 6Page - Texas Instruments SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
BLOCK DIAGRAM
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The device comes in a 100-pin VQFP package that requires a single 2.5-V supply with 3.3-V tolerant inputs on
the control pins. The SLK2501 device is very power efficient, dissipating less than 900 mW at 2.488 Gbps, the
OC-48 data rate. It is characterised for operation from –40
°C to 85°C.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com