Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 7 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 3Page - Texas Instruments SLK2501IPZP Datasheet HTML 4Page - Texas Instruments SLK2501IPZP Datasheet HTML 5Page - Texas Instruments SLK2501IPZP Datasheet HTML 6Page - Texas Instruments SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
High-Speed Electrical Interface
LVDS Parallel Data Interface
Reference Clock
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
The high-speed serial I/O uses a PECL-compatible interface. The line could be directly coupled or ac-coupled.
Refer to Figure 11 and Figure 12 for configuration details. As shown in the figures, an on-chip 100-
Ω termination
resistor is placed differentially at the receive end.
The PECL output also provides preemphasis for compensating ac loss when driving a cable or PCB backplane
over long distance. The level of the preemphasis is programmable via the PRE1 and PRE2 pins. Users can use
software to control the strength of the preemphasis to optimize the device for a specific system requirement.
Table 4. Programmable De-emphasis
DE-EMPHASIS LEVEL
PRE1
PRE2
(Vodp/Vodd(1)-1)
0
0
De-emphasis disbled
1
0
10%
0
1
20%
1
1
30%
(1)
Vodp: Differential voltage swing when there is a transition in the data stream.
Vodd: Differential voltage swing when there is no transition in the data stream.
Figure 1. Output Differential Voltage Under De-emphasisl
The parallel data interface consists of a 4-bit parallel LVDS data and clock. The device conforms to the
OIF99.102 specification when operating at the OC-48 rate. When operating at lower serial rates, the clock and
data frequency are scaled down accordingly, as indicated in Table 1. The parallel data TXDATA[0:3] is latched
on the rising edge of TXCLK and then is sent to a data FIFO to resolve any phase difference between TXCLK
and REFCLK. If there is a FIFO overflow condition, the SPILL pin is set high. The FIFO resets itself to realign
between two clocks. The internal PLL for the clock synthesizer is locked to the REFCLK, and it is used as the
timing to serialize the parallel data (except for the loop timing mode where the recovered clock is used). On the
receive side, RXDATA[0:3] is updated on the rising edge of RXCLK. Figure 8 and Figure 9 show the timing
diagram for the parallel interface.
The SLK2501 device also has a built-in parity checker and generator for error detection of the LVDS interface.
On the transmit side, it accepts the parity bit, TXPARP/N, and performs the parity checking function for even
parity. If an error is detected, it pulses the PAR_VALID pin low for two clock cycles. On the receive side, the
parity bit, RXPARP/N, is generated for the downstream device for parity error checking.
Differential termination 100-
Ω resistors are included on-chip between TXDATAP/N and TXCLKP/N.
The device accepts a 622.08-MHz clock. The REFCLK input is compatible with the LVDS level and also the
3.3-V LVPECL level using ac-coupling. A 100-
Ω differential termination resistor is included on-chip, as well as a
dc-biasing circuit (3 k
Ω to VDD and 4.5 kΩ to GND) for the ac-coupled case. A high quality REFCLK must be
used on systems required to meet SONET/SDH standards. For non-SONET/SDH-compliant systems, loose
tolerances may be used.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com