Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 11 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments SLK2501IPZP Datasheet HTML 13Page - Texas Instruments SLK2501IPZP Datasheet HTML 14Page - Texas Instruments SLK2501IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Remote Loopback
PRBS
Power-On Reset
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
The RLOOP signal pin controls the remote loopback. When RLOOP is high the serial receive data is selected
and presented on the serial transmit data output pins. The serial received data is also demultiplexed and
presented on the parallel receive data pins. The remote loop can be enabled only when the device is under
transceiver mode. When the device is put under the repeater mode with RX_MONITOR high, it performs the
same function as remote loopback.
Figure 5. Remote Loopback Data Path/Repeater Mode Operation
The SLK2501 device has two built-in pseudorandom bit stream (PRBS) functions. The PRBS generator is used
to transmit a PRBS signal. The PRBS verifier is used to check and verify a received PRBS signal.
When the PRBSEN pin is high, the PRBS generator and verifier are both enabled. A PRBS is generated and fed
into the parallel transmitter input bus. Data from the normal input source is ignored in PRBS mode. The PBRS
pattern is then fed through the transmitter circuitry as if it was normal data and sent out by the transmitter. The
output can be sent to a bit error rate tester (BERT) or to the receiver of another SLK2501. If an error occurs in
the PRBS pattern, the PRBSPASS pin is set low for two RXCLKP/N cycles.
Upon application of minimum valid power, the SLK2501 device generates a power-on reset. During the
power-on reset the PRXDATA[0:3] signal pins go to 3-state. RXCLKP and RXCLKN are held low. The length of
the power-on reset cycle is dependent upon the REFCLKP and REFCLKN frequency but is less than 1 ms in
duration.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com