Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 14 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments SLK2501IPZP Datasheet HTML 13Page - Texas Instruments SLK2501IPZP Datasheet HTML 14Page - Texas Instruments SLK2501IPZP Datasheet HTML 15Page - Texas Instruments SLK2501IPZP Datasheet HTML 16Page - Texas Instruments SLK2501IPZP Datasheet HTML 17Page - Texas Instruments SLK2501IPZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.ti.com
TIMING REQUIREMENTS
PLL PERFORMANCE SPECIFICATIONS
SERIAL TRANSMITTER/RECEIVER CHARACTERISTICS
SERIAL DIFFERENTIAL SWITCHING CHARACTERISTICS
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE CLOCK (REFCLK)
Frequency tolerance(1)
–20
20
ppm
Duty cycle
40%
50%
60%
Jitter
12 kHz to 20 MHz
3
ps rms
Frequency range abosolute value
622.08
MHz
(1)
The
±20-ppm tolerance is required to meet SONET/SDH requirements. For non-SONET/SDH-compliant systems, looser tolerances may
apply.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL startup lock time
VDD, VDDC = 2.375 V, after REFCLK is stable
1
ms
Acquisition lock time
Valid SONET signal or PRBS OC-48
2031
Bit Times
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PRE1 = 0, PRE2 = 0, Rt = 50,
650
850
1000
See Table 4 and Figure 1
Vodd = |STXDOP-STXDON|, transmit
PRE1 = 1, PRE2 = 0
550
750
900
differential output voltage under
mV
de-emphasis
PRE1 = 0, PRE2 = 1
540
700
860
PRE1 = 1, PRE2 = 1
500
650
800
V(CMT)
Transmit common mode voltage range
Rt = 50
Ω
1100
1250
1400
mV
Receiver Input voltage requirement,
150
mV
Vid = |SRXDIP-SRXDIN|
V(CMR)
Receiver common mode voltage range
1100
1250
2250
mV
Il
Receiver input leakage
–550
550
µA
Rl
Receiver differential impedance
80
100
120
Ω
CI
Receiver input capacitance
1
pF
td(TX_Latency)
50
Bit Times
td(RX_Latency)
50
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt
Differential signal rise time (20% to 80%)
RL = 50 Ω
80
100
140
ps
tj
Output jitter
Jitter-free data,
12 kHz to 20 MHz, RLOOP =
0.05
0.1
UI(pp)
1
Jitter tolerance
RLOOP = 1,
See Figure 4
Jitter transfer
RLOOP = 1,
See Figure 2
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com