Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 13 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments SLK2501IPZP Datasheet HTML 13Page - Texas Instruments SLK2501IPZP Datasheet HTML 14Page - Texas Instruments SLK2501IPZP Datasheet HTML 15Page - Texas Instruments SLK2501IPZP Datasheet HTML 16Page - Texas Instruments SLK2501IPZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TTL
VIH
High-level input voltage
2
3.6
V
VIL
Low-level input voltage
0.80
V
IIH
Input high current
VDD = MAX, VIN = 2 V
40
µA
IIL
Input low current
VDD = MAX, VIN = 0.4 V
–40
µA
VOH
High-level output voltage
IOH = –1 mA
2.10
2.3
V
VOL
Low-level output voltage
IOH = 1 mA
0.25
0.5
V
CI
Input capacitance
4
pF
LVDS INPUT SIGNALS
VI
Input voltage
825
1575
mV
VID(th)
Input differential threshold voltage
100
mV
CI
Input capacitance
3
pF
RI
Input differential impedance
On-chip termination
80
100
120
tsu
Input setup time requirement
See Figure 8
300
ps
th
Input hold time requirement
See Figure 8
300
ps
T(duty)
Input clock duty cycle
40%
60%
LVDS OUTPUT SIGNALS
VOD
Output differential voltage
300
800
VOS
Output common mode voltage
1070
1375
RL = 100 ±1%
mV
∆V
OD
Change VOD between 1 and 0
25
∆V
OS
Change VOS between 1 and 0
25
I(SP), I(SN),
Outputs shorted to ground or shorted
Output short circuit current
24
mA
I(SPN)
together
Ioff
Power-off curent
VDD = 0 V
10
µA
t(cq_min)
100
Clock-output time
See Figure 7
ps
t(cq_max)
100
tr/tf
Output transition time
20% to 80%
100
300
ps
Output clock duty cycle
45%
55%
Data output to FRAME_SYNC delay
4
7
Bit times
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com