Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9051 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE9051
Description  SE9051??툜?ⓧ맏鸚㎩??뤻봻獵삣춴?득콬?뽬?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9051 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE9051 Datasheet HTML 1Page - Seaward Electronics Inc. SE9051 Datasheet HTML 2Page - Seaward Electronics Inc. SE9051 Datasheet HTML 3Page - Seaward Electronics Inc. SE9051 Datasheet HTML 4Page - Seaward Electronics Inc. SE9051 Datasheet HTML 5Page - Seaward Electronics Inc. SE9051 Datasheet HTML 6Page - Seaward Electronics Inc. SE9051 Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2011/02/09
内容如有变动,恕不提前通知
北京思旺电子技术有限公司 • www.seawardinc.com.cn • 第 5 页
应用指南:
1
2
3
4
5
6
7
8
SE9051
5V
图 1.应用电路
SE9051 支持七彩灯应用。LED 的逻辑状态如下表所示:
检测状态
电源状态
电池状态
LED1
LED2(7 彩灯)
LED3(闪灯)
LED4
断电
接入
亮
灭
灭
灭
电池检测
上电
断开
亮
灭
灭
灭
电池空载
断开
亮
灭
灭
灭
电池充电
亮
亮
闪
注释 1
灭
快充饱
亮
亮
快闪
注释 1
灭
电池充饱
上电
接入
亮
灭
灭
亮
电池短路
上电
短路
亮
灭
灭
灭
注释:1、正常充电时闪灯的闪频为 0.7Hz,快充饱时闪频变快,为“快闪”
,闪频为 1.2Hz。
特性曲线



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com