Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9051 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE9051
Description  SE9051??툜?ⓧ맏鸚㎩??뤻봻獵삣춴?득콬?뽬?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9051 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE9051 Datasheet HTML 1Page - Seaward Electronics Inc. SE9051 Datasheet HTML 2Page - Seaward Electronics Inc. SE9051 Datasheet HTML 3Page - Seaward Electronics Inc. SE9051 Datasheet HTML 4Page - Seaward Electronics Inc. SE9051 Datasheet HTML 5Page - Seaward Electronics Inc. SE9051 Datasheet HTML 6Page - Seaward Electronics Inc. SE9051 Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011/02/09
内容如有变动,恕不提前通知
北京思旺电子技术有限公司 • www.seawardinc.com.cn • 第 1 页
产品说明
SE9051是专门为大容量锂离子电池或者
锂聚合物电池设计的,能够自动辨别电池极
性的万能充电IC、具有限流恒压功能的充电
芯片。芯片采用DIP-8以及COB-8封装,芯片
应用电路简单,外围器件少,适合便携式应
用。
SE9051的内置自动辨别极性的电路,能
够自动识别电池的极性并正确给电池充电,
预置充饱电压为4.22V。当快到达充饱电压
时,充电电流会下降至80mA;到达充饱电压
时,SE9051将自动停止充电。
SE9051共有四个LED指示管脚,能够提供
多种应用方案,用户可根据实际需要选择相
应的指示方式,SE9051的LED驱动方式为恒流
驱动,无需限流电阻,应用更方便。详见应用
指南。
产品特性
自动识别电池的极性
充电电流典型值 500mA
内置高精度(1%)基准电压
具有短路保护功能
外围应用器件少
内置高精度基准电压
预置充饱电压为 4.22V
支持单节电池充电
支持 7 彩灯方案
适于 DIP-8 和 COB-8 封装
通过 RoHS 无铅认证,100% 无铅
引脚排列
1
2
3
4
5
6
7
8
SE9051
COB
DIP8
产品应用
万能充电器
单节锂电池充电


Similar Part No. - SE9051

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9050 SEAWARD-SE9050 Datasheet
520Kb / 7P
SE9050??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
More results

Similar Description - SE9051

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
WXD3540 PRODUCTWELL-WXD3540_14 Datasheet
225Kb / 2P
鸚싨Ь凉뤷쓦?⑴뵪
WXD3590 PRODUCTWELL-WXD3590_14 Datasheet
162Kb / 2P
鸚싨Ь凉뤷쓦?⑴뵪
logo
BOWIN ELECTRONIC CO.
CDT3354 BOWIN-CDT3354 Datasheet
161Kb / 8P
鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3354-01 BOWIN-CDT3354-01 Datasheet
163Kb / 6P
鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3354-02 BOWIN-CDT3354-02 Datasheet
164Kb / 6P
鸚싨?孃ょ뮥凉뤷??귛츣?귛솳IC
CDT3400 BOWIN-CDT3400 Datasheet
168Kb / 8P
3 LED 鸚싨?凉뤺섯?뷸렒?턎C
logo
Seaward Electronics Inc...
SE9025 SEAWARD-SE9025 Datasheet
516Kb / 7P
SE9025??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
SE9120 SEAWARD-SE9120 Datasheet
293Kb / 6P
SE9120??툜?②?溫←쉪訝랺E9020?띶릦鵝욜뵪?꾥뒸?
SE9050 SEAWARD-SE9050 Datasheet
520Kb / 7P
SE9050??툜?ⓧ맏訝뉓꺗?끿뵷?②?溫←쉪
logo
Holtek Semiconductor In...
HT82V7524 HOLTEK-HT82V7524 Datasheet
1Mb / 14P
3W ?뺝0?볠뿞譯ㅶ끼 D 映삯윹窯묈뒣?뉑붂鸚㎩솳
2016-01-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com