Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9051 Datasheet(PDF) 6 Page - Seaward Electronics Inc.

Part # SE9051
Description  SE9051??툜?ⓧ맏鸚㎩??뤻봻獵삣춴?득콬?뽬?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9051 Datasheet(HTML) 6 Page - Seaward Electronics Inc.

  SE9051 Datasheet HTML 1Page - Seaward Electronics Inc. SE9051 Datasheet HTML 2Page - Seaward Electronics Inc. SE9051 Datasheet HTML 3Page - Seaward Electronics Inc. SE9051 Datasheet HTML 4Page - Seaward Electronics Inc. SE9051 Datasheet HTML 5Page - Seaward Electronics Inc. SE9051 Datasheet HTML 6Page - Seaward Electronics Inc. SE9051 Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2011/02/09
内容如有变动,恕不提前通知
北京思旺电子技术有限公司 • www.seawardinc.com.cn • 第 6 页
DIP-8 封装图
最小值
典型值
最大值
最小值
典型值
最大值
A
9.02
9.27
10.16
0.355
0.365
0.4
B
6.1
6.35
7.11
0.24
0.25
0.28
C
5.33
0.21
D
0.46
0.56
0.018
F
1.52
2.997
0.06
G
2.54
3.099
0.1
H
1.27
2.29
0.05
0.09
J
0.2
0.38
0.008
0.015
K
2.92
3.3
3.81
0.115
0.13
0.15
L
M
7°
15°
7°
15°
符号
毫米
英寸
7.62 BSC.
0.3 BSC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com