Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87391 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 22Page - National Semiconductor (TI) PC87391 Datasheet HTML 23Page - National Semiconductor (TI) PC87391 Datasheet HTML 24Page - National Semiconductor (TI) PC87391 Datasheet HTML 25Page - National Semiconductor (TI) PC87391 Datasheet HTML 26Page - National Semiconductor (TI) PC87391 Datasheet HTML 27Page - National Semiconductor (TI) PC87391 Datasheet HTML 28Page - National Semiconductor (TI) PC87391 Datasheet HTML 29Page - National Semiconductor (TI) PC87391 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 148 page
background image
26
www.national.com
2.0
Device Architecture and Configuration
The PC8739x SuperI/O device comprises a collection of legacy and proprietary functional blocks. Each functional block is
described in a separate chapter in this document. However, some parameters in the implementation of each functional block
may vary per SuperI/O device. This chapter describes the PC8739x structure and provides all logical device specific infor-
mation, including special implementation of generic blocks, system interface and device configuration.
2.1
OVERVIEW
The PC8739x consists of 9 logical devices, the host interface, and a central set of configuration registers, all built around a
central, internal bus. The internal bus is similar to an 8-bit ISA bus protocol. See Figure 1, which illustrates the blocks and
related logic.
The system interface serves as a bridge between the external LPC interface and the internal bus. It supports 8-bit Read and
Write transactions for I/O, memory, DMA, and FWH, as defined in Intel’s
LPC Interface Specification, Revision 1.01.
The central configuration register set is ACPI compliant and supports a PnP configuration. The configuration registers are struc-
tured as a subset of the Plug and Play Standard registers, defined in Appendix A of the
Plug and Play ISA Specification, Re-
vision 1.0a by Intel and Microsoft. All system resources assigned to the functional blocks (I/O address space, DMA channels
and IRQ lines) are configured in, and managed by, the central configuration register set. In addition, some function-specific
parameters are configurable through the configuration registers and distributed to the functional blocks through special control
signals.
2.2
CONFIGURATION STRUCTURE AND ACCESS
The configuration structure is comprised of a set of banked registers which are accessed via a pair of specialized registers.
2.2.1
The Index-Data Register Pair
Access to the SuperI/O configuration registers is via an Index-Data register pair, using only two system I/O byte locations.
The base address of this register pair is determined during reset, according to the state of the hardware strapping option on
the BADDR pin. Table 5 shows the selected base addresses as a function of BADDR.
Table 5. BADDR Strapping Options
The Index register is an 8-bit read/write register located at the selected base address (Base+0). It is used as a pointer to the
configuration register file, and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or the default of 00h after reset).
The Data register is an 8-bit register (Base+1) used as a data path to any configuration register. Accessing the Data register
actually accesses the configuration register that is currently pointed to by the Index register.
BADDR
I/O Address
Index Register
Data Register
0
2Eh
2Fh
1
4Eh
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com