Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87391 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 39Page - National Semiconductor (TI) PC87391 Datasheet HTML 40Page - National Semiconductor (TI) PC87391 Datasheet HTML 41Page - National Semiconductor (TI) PC87391 Datasheet HTML 42Page - National Semiconductor (TI) PC87391 Datasheet HTML 43Page - National Semiconductor (TI) PC87391 Datasheet HTML 44Page - National Semiconductor (TI) PC87391 Datasheet HTML 45Page - National Semiconductor (TI) PC87391 Datasheet HTML 46Page - National Semiconductor (TI) PC87391 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
43
www.national.com
2.10.7
SuperI/O Configuration 6 Register (SIOCF6)
Write access to this register can be inhibited by setting bit 7. Activation of each logical device (bits 0-4) is also affected by
bit 0 of the logical device Activate register, index 30h and bit 0 of the SIOCF1 register.
Location:
Index 26h
Type:
R/W
2.10.8
SuperI/O Revision ID Register (SRID)
This register contains the ID number of the specific family member (Chip ID) and the chip revision number (Chip Rev). The
Chip Rev field identity number the chip revision.
Location:
Index 27h
Type:
RO
Bit
76543210
Name
SIOCF6
Software
Lock
General-Purpose
Scratch
Reserved
Serial Port 1
Disable
Serial Port 2
Disable
Parallel Port
Disable
FDC
Disable
Reset
00000000
Bit
Description
7
SIOCF6 Software Lock. When this bit is set to 1 by software, it can be cleared only by hardware reset.
0: Write access to bits 0-6 of this register enabled (default)
1: Bits 6-0 of this register are RO
6-5
General-Purpose Scratch
4
Reserved
3
Serial Port 1 Disable
0: Enabled (default)
1: Disabled
2
Serial Port 2 Disable
0: Enabled (default)
1: Disabled
1
Parallel Port Disable
0: Enabled (default)
1: Disabled
0
FDC Disable
0: Enabled (default)
1: Disabled
Bit
76543210
Name
Chip ID
Chip Rev
Reset
0
0
0
XXXXX
Bit
Description
7-5
Chip ID.
4-0
Chip Rev. These bits identify the device revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com