Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87391 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 60Page - National Semiconductor (TI) PC87391 Datasheet HTML 61Page - National Semiconductor (TI) PC87391 Datasheet HTML 62Page - National Semiconductor (TI) PC87391 Datasheet HTML 63Page - National Semiconductor (TI) PC87391 Datasheet HTML 64Page - National Semiconductor (TI) PC87391 Datasheet HTML 65Page - National Semiconductor (TI) PC87391 Datasheet HTML 66Page - National Semiconductor (TI) PC87391 Datasheet HTML 67Page - National Semiconductor (TI) PC87391 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
64
www.national.com
2.18 MIDI PORT (MIDI) CONFIGURATION
This section applies to the PC87393 and PC87393F only.
2.18.1
Logical Device 12 (MIDI) Configuration
Table 26 lists the configuration registers which affect the MIDI Port. Only the last register (F0h) is described here. See Sec-
tions 2.2.3 and 2.2.4 for a detailed description of the others.
Table 27. MIDI Configuration Registers
2.18.2
MIDI Port Configuration Register
This register is reset by hardware to 00h.
Location:
Index F0h
Type:
R/W
Usage Hints: To operate MIDI enhanced features, make sure to locate its base address within the LPC Wide Generic ad-
dress range.
When bit 3 of the MIDI configuration register is set to 0 (default), the MIDI operates in Legacy mode. In this mode, only the
MIDI IN, MIDI OUT, MIDI Status and MIDI Command registers of the MIDI are user-accessible.
When bit 3 of the MIDI configuration register is set to 1, the MIDI is operated in Enhanced mode. In this condition, all the
registers listed in the MIDI chapter are accessible.
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not accessible.
R/W
00h
60h
Base Address MSB register
R/W
03h
61h
Base Address LSB register. Bit 0 (for A0) is read only, 0b.
Varies per bit
30h
70h
Interrupt Number and wake-up on IRQ enable.
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
F0h
MIDI Port Configuration register
R/W
00h
Bit
7654
3
210
Name
Reserved
MIDI
Enhanced
Mode Enable
Internal
Pull-Up
Enable
Reserved
TRI-STATE
Control
Reset
0000
0
000
Bit
Description
7-4
Reserved
3
MIDI Enhanced Mode Enable. See Usage Hints below.
0: Disabled (default)
1: Enabled
2
Internal Pull-Up Enable. This bit controls the internal pull-up resistor on pin 83 (GPIO32/MDRX).
0: Disabled (default)
1: Enabled
1
Reserved
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com