Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87391 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 72Page - National Semiconductor (TI) PC87391 Datasheet HTML 73Page - National Semiconductor (TI) PC87391 Datasheet HTML 74Page - National Semiconductor (TI) PC87391 Datasheet HTML 75Page - National Semiconductor (TI) PC87391 Datasheet HTML 76Page - National Semiconductor (TI) PC87391 Datasheet HTML 77Page - National Semiconductor (TI) PC87391 Datasheet HTML 78Page - National Semiconductor (TI) PC87391 Datasheet HTML 79Page - National Semiconductor (TI) PC87391 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
3.0 General-Purpose Input/Output (GPIO) Port (Continued)
76
www.national.com
3.4.1
GPIO Pin Configuration (GPCFG) Register
This is a group of eight identical configuration registers, each of which is associated with one GPIO pin. The entire set is
mapped to the PnP configuration space. The mapping scheme is based on the GPSEL register that functions as an index
register, and the specific GPCFG register that reflects the configuration of the currently selected pin. For details on the
GPSEL register, refer to the
Device Architecture and Configuration chapter.
Bits 4-6 are applicable only for the enhanced GPIO port with event detection support. In the basic port, these bits are re-
served, return 0 on read and have no effect on port functionality.
Location:
Device specific
Type:
R/W (bit 3 is set only)
Bit
76543210
Name
Reserved
Event
Debounce
Enable
Event
Polarity
Event Type
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
01000100
Bit
Description
7
Reserved
6
Event Debounce Enable
0: Disabled
1: Enabled (default)
5
Event Polarity. This bit defines the polarity of the signal that causes a detection of an event from the
corresponding GPIO pin (falling/low or rising/high).
0: Falling edge or low level input (default)
1: Rising edge or high level input
4
Event Type. This bit defines the signal type that causes detection of an event from the corresponding GPIO pin.
0: Edge input (default)
1: Level input
3
Lock. This bit locks the corresponding GPIO pin. Once this bit is set to 1 by software, it can only be cleared to
0 by system reset or power-off. Pin multiplexing is functional until the Multiplexing Lock bit is 1. (Refer to the
Device Architecture and Configuration chapter.)
0: No effect (default)
1: Direction, output type, pull-up and output value locked
2
Pull-Up Control. This bit is used to enable/disable the internal pull-up capability of the corresponding GPIO pin.
It supports open-drain output signals with internal pull-ups and TTL input signals
0: Disabled
1: Enabled (default)
1
Output Type. This bit controls the output buffer type (open-drain or push-pull) of the corresponding GPIO pin.
0: Open-drain (default)
1: Push-pull
0
Output Enable. This bit indicates the GPIO pin output state. It has no effect on input.
0: TRI-STATE (default)
1: Output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com