Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87391 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87391 Datasheet HTML 1Page - National Semiconductor (TI) PC87391 Datasheet HTML 2Page - National Semiconductor (TI) PC87391 Datasheet HTML 3Page - National Semiconductor (TI) PC87391 Datasheet HTML 4Page - National Semiconductor (TI) PC87391 Datasheet HTML 5Page - National Semiconductor (TI) PC87391 Datasheet HTML 6Page - National Semiconductor (TI) PC87391 Datasheet HTML 7Page - National Semiconductor (TI) PC87391 Datasheet HTML 8Page - National Semiconductor (TI) PC87391 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
www.national.com
General Description
National Semiconductor’s PC8739x family of LPC SuperI/O
devices is targeted for a wide range of portable applications.
PC99 and ACPI compliant, the PC8739x family features
an X-Bus Extension for read and write operations over the
X-Bus, a full IEEE 1284 Parallel Port with a Parallel Port Mul-
tiplexer (PPM) for external Floppy Disk Drive (FDD) support,
a Musical Instrument Digital Interface (MIDI) port, and a
Game port. Like all National LPC SuperI/O devices, the
PC8739x offers a single-chip solution to the most commonly
used PC I/O peripherals.
The PC8739x family also incorporates: a Floppy Disk Con-
troller (FDC), two enhanced Serial Ports (UARTs), one with
Fast Infrared (FIR, IrDA 1.1 compliant), General-Purpose
Input/Output (GPIO) support for a total of 32 ports, Interrupt
Serializer for Parallel IRQs and an enhanced WATCH-
DOG
™ timer.
The following features apply to the PC87393F. The feature
lists for other PC8739x devices may differ. See the table on
page 3 for a list of features for each device.
Outstanding Features
q
X-Bus Extension for read and write operations
q
LPC bus interface, based on Intel’s
LPC Interface Spec-
ification Rev. 1.01, February 1999 (supports CLKRUN
and LPCPD signals) and Intel FWH transactions
q
PC99 and ACPI compliant
q
Serial IRQ support (15 options)
q
Interrupt Serializer (four Parallel IRQs to Serial IRQ)
q
PPM for external FDD signal support
q
MIDI interface compatible with MPU-401 UART mode
q
Game port inputs for up to two joysticks
q
Protection features, including GPIO lock and pin con-
figuration lock
q
32 GPIO ports (16 standard, 16 with Assert IRQ/SMI)
q
5V tolerant and back-drive protected pins (except LPC
bus pins)
q
100-pin TQFP Package
Block Diagram
National Semiconductor is a registered trademark of National Semiconductor Corporation.
All other brand or product names are trademarks or registered trademarks of their respective holders.
Serial Port 2
IEEE 1284
Parallel Port
Floppy Disk
Controller
Floppy Drive
Interface
Serial
Infrared
Interface Interface
Bus
Interface
LPC
Interface
I/O
WATCHDOG
Timer
WDO
Serial Port 1
Serial
Interface
with FIR
GPIO Ports
Serial
IRQ
Parallel Port\
SMI
Ports
PPM
Floppy Drive Interface
MIDI
Interface
MIDI Port
Game Port
Game Device
Interface
X-Bus
Extension
X-Bus Interface
VDD
Parallel
IRQs
Interrupt
Serializer
Wake-Up
Control
PWUREQ
PC87393 / PC87393F
©2000 National Semiconductor Corporation
PRELIMINARY
September 2000
Revision 1.41
PC87391, PC87392, PC87393, PC87393F
100-Pin LPC SuperI/O Devices for Portable Applications


Similar Part No. - PC87391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87306VUL NSC-PC87306VUL Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
More results

Similar Description - PC87391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87360 NSC-PC87360 Datasheet
1Mb / 168P
128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87366 NSC-PC87366 Datasheet
2Mb / 240P
128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
logo
SMSC Corporation
47N227 SMSC-47N227 Datasheet
856Kb / 202P
100 Pin Super I/O with LPC Interface for Notebook Applications
logo
National Semiconductor ...
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
128-Pin LPC SuperI/O with System Hardware Monitoring
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
LPC SuperI/O with Glue Functions
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com