Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 42Page - Texas Instruments TMS320VC5509 Datasheet HTML 43Page - Texas Instruments TMS320VC5509 Datasheet HTML 44Page - Texas Instruments TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments TMS320VC5509 Datasheet HTML 48Page - Texas Instruments TMS320VC5509 Datasheet HTML 49Page - Texas Instruments TMS320VC5509 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
Functional Overview
46
April 2001 − Revised September 2004
SPRS163G
15
87
65
43
21
0
Reserved
IO7D
IO6D
IO5D
(BGA)
IO4D
IO3D
IO2D
IO1D
IO0D
R−00000000
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
LEGEND: R = Read, W = Write, pin = value present on the pin (IO7−IO0 default to inputs after reset)
Figure 3−10. I/O Data Register (IODATA) Bit Layout
Table 3−10. I/O Data Register (IODATA) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−8
Reserved
0
These bits are reserved and are unaffected by writes.
7−0
IOxD
pin†‡
IOx Data Bit.
If IOx is configured as an input (IOxDIR = 0 in IODIR):
IOxD = 0
The signal on the IOx pin is low.
IOxD = 1
The signal on the IOx pin is high.
If IOx is configured as an output (IOxDIR = 1 in IODIR):
IOxD = 0
Drive the signal on the IOx pin low.
IOxD = 1
Drive the signal on the IOx pin high.
† The GPIO5 pin is available on the BGA package only.
‡ pin = value present on the pin (IO7−IO0 default to inputs after reset)
3.6.2 Address Bus General-Purpose I/O
The 16 address signals, EMIF.A[15−0], can also be individually enabled as GPIO when the Parallel Port Mode
bit field of the External Bus Selection Register is set for Data EMIF (00) or Multiplexed EHPI mode (11). These
pins are controlled by three registers: the enable register, AGPIOEN, determines if the pins serve as GPIO
or address (Figure 3−11); the direction register, AGPIODIR, determines if the GPIO enabled pin is an input
or output (Figure 3−12); and the data register, AGPIODATA, determines the logic states of the pins in
general-purpose I/O mode (Figure 3−13).
15
14
13
12
11
10
9
8
AIOEN15
(BGA)
AIOEN14
(BGA)
AIOEN13
AIOEN12
AIOEN11
AIOEN10
AIOEN9
AIOEN8
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
AIOEN7
AIOEN6
AIOEN5
AIOEN4
AIOEN3
AIOEN2
AIOEN1
AIOEN0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−11. Address/GPIO Enable Register (AGPIOEN) Bit Layout
Table 3−11. Address/GPIO Enable Register (AGPIOEN) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−0
AIOENx
0
Enable or disable GPIO function of Address Bus of EMIF. AIOEN15 and AIOEN14 are only available in
BGA package.
AIOENx = 0
GPIO function of Ax line is disabled; i.e., Ax has address function.
AIOENx = 1
GPIO function of Ax line is enabled; i.e., Ax has GPIO function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com