Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 13Page - Texas Instruments TMS320VC5509 Datasheet HTML 14Page - Texas Instruments TMS320VC5509 Datasheet HTML 15Page - Texas Instruments TMS320VC5509 Datasheet HTML 16Page - Texas Instruments TMS320VC5509 Datasheet HTML 17Page - Texas Instruments TMS320VC5509 Datasheet HTML 18Page - Texas Instruments TMS320VC5509 Datasheet HTML 19Page - Texas Instruments TMS320VC5509 Datasheet HTML 20Page - Texas Instruments TMS320VC5509 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Introduction
17
April 2001 − Revised September 2004
SPRS163G
2.3
Signal Descriptions
Table 2−3 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2 for pin
locations based on package type.
Table 2−3. Signal Descriptions
TERMINAL
NAME
MULTIPLEXED
SIGNAL NAME
I/O/Z†
FUNCTION
BK‡
RESET
CONDITION
PARALLEL BUS
A[13:0]
I/O/Z
A subset of the parallel address bus A13−A0 of the C55x
 DSP core
bonded to external pins. These pins serve in one of three functions: HPI
address bus (HPI.HA[13:0]), EMIF address bus (EMIF.A[13:0]), or
general-purpose I/O (GPIO.A[13:0]). The initial state of these pins
depends on the GPIO0 pin. See Section 3.5.1 for more information.
The address bus has a bus holder feature that eliminates passive
component requirement and the power dissipation associated with them.
The bus holders keep the address bus at the previous logic level when the
bus goes into a high-impedance state.
GPIO0 = 1:
HPI.HA[13:0]
I
HPI address bus. HPI.HA[13:0] is selected when the Parallel Port Mode bit
field of the External Bus Selection Register is 10. This setting enables the
HPI in non-multiplexed mode.
HPI.HA[13:0] provides DSP internal memory access to host. In
non-multiplexed mode, these signals are driven by an external host as
address lines.
BK
GPIO0 = 1:
Output,
EMIF.A[13:0]
GPIO0 = 0:
EMIF.A[13:0]
O/Z
EMIF address bus. EMIF.A[13:0] is selected when the Parallel Port Mode
bit field of the External Bus Selection Register is 01. This setting enables
the full EMIF mode and the EMIF drives the parallel port address bus. The
internal A[14] address is exclusive-ORed with internal A[0] address and
the result is routed to the A[0] pin.
Input,
HPI.HA[13:0]
GPIO.A[13:0]
I/O/Z
General-purpose I/O address bus. GPIO.A[13:0] is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is 11.
This setting enables the HPI in multiplexed mode with the Parallel Port
GPIO register controlling the parallel port address bus. GPIO is also
selected when the Parallel Port Mode bit field is 00, enabling the Data
EMIF mode.
A
′[0]
(BGA only)
EMIF.A
′[0]
O/Z
EMIF address bus A
′[0]. This pin is not multiplexed with EMIF.A[14] and is
used as the least significant external address pin on the BGA package.
Output
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com