Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 28Page - Texas Instruments TMS320VC5509 Datasheet HTML 29Page - Texas Instruments TMS320VC5509 Datasheet HTML 30Page - Texas Instruments TMS320VC5509 Datasheet HTML 31Page - Texas Instruments TMS320VC5509 Datasheet HTML 32Page - Texas Instruments TMS320VC5509 Datasheet HTML 33Page - Texas Instruments TMS320VC5509 Datasheet HTML 34Page - Texas Instruments TMS320VC5509 Datasheet HTML 35Page - Texas Instruments TMS320VC5509 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
Functional Overview
32
April 2001 − Revised September 2004
SPRS163G
3.1.3 On-Chip Read-Only Memory (ROM)
The one-wait-state ROM is located at the byte address range FF0000h−FFFFFFh. The ROM is composed
of one block of 32K bytes and two 16K-byte blocks, for a total of 64K bytes of ROM. The ROM address space
can be mapped by software to the external memory or to the internal ROM. The 16K ROM blocks at FFC000
to FFFFFF can be configured as secure ROM. (See Section 3.1.4.)
NOTE: Customers can arrange to have the 5509 ROM programmed with contents unique to
any particular application. Contact your local Texas Instruments representative for more
information on custom ROM programming.
The standard 5509 device includes a bootloader program resident in the ROM. When the MPNMC bit field
of the ST3 status register is set through software, the on-chip ROM is disabled and not present in the memory
map, and byte address range FF0000h−FFFFFFh is directed to external memory space. A hardware reset
always clears the MPNMC bit, so it is not possible to disable the ROM at reset. However, the software reset
instruction does not affect the MPNMC bit. All three ROM blocks can be accessed by the program, data, or
DMA buses. The first 16-bit word access to ROM requires three cycles. Subsequent accesses require two
cycles per 16-bit word.
3.1.4 Secure ROM
Included in this 64K-byte ROM is a 16K-byte secure ROM (SROM) that is mapped into the memory space at
reset. This 16K-byte SROM is mapped out of the memory space by writing a “1” to the SROM disable bit field
of the Secure ROM Register (0x7C00) as shown in Figure 3−2. When the SROM disable bit is set, its setting
cannot be changed and the CPU or peripherals cannot access the on-chip SROM memory space. This ROM
block is not programmed on standard 5509 devices, but can be used to implement a custom, secure bootload
feature. Contact your local Texas Instruments representative for more information on custom ROM
programming.
(16K Bytes)
FF0000h
FF8000h
FFC000h
SROM
(If SROM= 0 & MPNMC=0)
FFFFFFh
FF0000h
FF8000h
FFC000h
FFFFFFh
FF0000h
FF8000h
FFC000h
FFFFFFh
ROM
(If MPNMC=0)
ROM
(If MPNMC=0)
External − CE3
(If MPNMC=1)
External − CE3
(If MPNMC=1)
External − CE3
(If MPNMC=1)
ROM
(If MPNMC=0)
ROM
(If MPNMC=0)
15
10
SROM=0
SROM=1
SROM
Secure ROM Register
No access
(If SROM=1 & MPNMC=0)
Byte
Address
Byte
Address
Byte
Address
(32K Bytes)
(32K Bytes)
(16K Bytes)
(16K Bytes)
(16K Bytes)
(16K Bytes)
(32K Bytes)
(16K Bytes)
Figure 3−2. Secure ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com