Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 74Page - Texas Instruments TMS320VC5509 Datasheet HTML 75Page - Texas Instruments TMS320VC5509 Datasheet HTML 76Page - Texas Instruments TMS320VC5509 Datasheet HTML 77Page - Texas Instruments TMS320VC5509 Datasheet HTML 78Page - Texas Instruments TMS320VC5509 Datasheet HTML 79Page - Texas Instruments TMS320VC5509 Datasheet HTML 80Page - Texas Instruments TMS320VC5509 Datasheet HTML 81Page - Texas Instruments TMS320VC5509 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
Electrical Specifications
78
April 2001 − Revised September 2004
SPRS163G
5.6.2 Layout Considerations
Since parasitic capacitance, inductance and resistance can be significant in any circuit, good PC board layout
practices should always be observed when planning trace routing to the discrete components used in the
oscillator circuit. Specifically, the crystal and the associated discrete components should be located as close
to the DSP as physically possible. Also, X1 and X2/CLKIN traces should be separated as soon as possible
after routing away from the DSP to minimize parasitic capacitance between them, and a ground trace should
be run between these two signal lines. This also helps to minimize stray capacitance between these two
signals.
5.6.3 Clock Generation in Bypass Mode (DPLL Disabled)
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of one, two, or
four to generate the internal CPU clock cycle. The divide factor (D) is set in the BYPASS_DIV field of the clock
mode register. The contents of this field only affect clock generation while the device is in bypass mode. In
this mode, the digital phase-locked loop (DPLL) clock synthesis is disabled.
Table 5−3 and Table 5−4 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−3).
Table 5−3. CLKIN Timing Requirements
NO.
MIN
MAX
UNIT
C1
tc(CI)
Cycle time, X2/CLKIN
20
400†
ns
C2
tf(CI)
Fall time, X2/CLKIN
4
ns
C3
tr(CI)
Rise time, X2/CLKIN
4
ns
C10
tw(CIL)
Pulse duration, CLKIN low
6
ns
C11
tw(CIH)
Pulse duration, CLKIN high
6
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. If an external crystal is used, the X2/CLKIN cycle
time is limited by the crystal frequency range listed in Table 5−2.
Table 5−4. CLKOUT Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
C4
tc(CO)
Cycle time, CLKOUT
20‡
D*tc(CI)§
1600†
ns
C5
td(CIH-CO)
Delay time, X2/CLKIN high to CLKOUT high/low
10
20
30
ns
C6
tf(CO)
Fall time, CLKOUT
1
ns
C7
tr(CO)
Rise time, CLKOUT
1
ns
C8
tw(COL)
Pulse duration, CLKOUT low
H−2
H+2
ns
C9
tw(COH)
Pulse duration, CLKOUT high
H−2
H+2
ns
† This device utilizes a fully static design and therefore can operate with tc(CO) approaching ∞. If an external crystal is used, the X2/CLKIN cycle
time is limited by the crystal frequency range listed in Table 5−2.
‡ It is recommended that the DPLL synthesised clocking option be used to obtain maximum operating frequency.
§ D = 1/(PLL Bypass Divider)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com