Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 8Page - Texas Instruments TMS320VC5509 Datasheet HTML 9Page - Texas Instruments TMS320VC5509 Datasheet HTML 10Page - Texas Instruments TMS320VC5509 Datasheet HTML 11Page - Texas Instruments TMS320VC5509 Datasheet HTML 12Page - Texas Instruments TMS320VC5509 Datasheet HTML 13Page - Texas Instruments TMS320VC5509 Datasheet HTML 14Page - Texas Instruments TMS320VC5509 Datasheet HTML 15Page - Texas Instruments TMS320VC5509 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Introduction
12
April 2001 − Revised September 2004
SPRS163G
2
Introduction
This section describes the main features of the TMS320VC5509, lists the pin assignments, and describes the
function of each pin. This data manual also provides a detailed description section, electrical specifications,
parameter measurement information, and mechanical data about the available packaging.
NOTE: This data manual is designed to be used in conjunction with theTMS320C55x
 DSP Functional
Overview (literature number SPRU312), the TMS320C55x DSP CPU Reference Guide (literature
number SPRU371), and the TMS320C55x DSP Peripherals Overview Reference Guide (literature
number SPRU317).
2.1
Description
The TMS320VC5509 fixed-point digital signal processor (DSP) is based on the TMS320C55x DSP generation
CPU processor core. The C55x
 DSP architecture achieves high performance and low power through
increased parallelism and total focus on reduction in power dissipation. The CPU supports an internal bus
structure that is composed of one program bus, three data read buses, two data write buses, and additional
buses dedicated to peripheral and DMA activity. These buses provide the ability to perform up to three data
reads and two data writes in a single cycle. In parallel, the DMA controller can perform up to two data transfers
per cycle independent of the CPU activity.
The C55x CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit multiplication
in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by an additional 16-bit ALU. Use of
the ALUs is under instruction set control, providing the ability to optimize parallel activity and power
consumption. These resources are managed in the Address Unit (AU) and Data Unit (DU) of the C55x CPU.
The C55x DSP generation supports a variable byte width instruction set for improved code density. The
Instruction Unit (IU) performs 32-bit program fetches from internal or external memory and queues instructions
for the Program Unit (PU). The Program Unit decodes the instructions, directs tasks to AU and DU resources,
and manages the fully protected pipeline. Predictive branching capability avoids pipeline flushes on execution
of conditional instructions.
The general-purpose input and output functions and the10-bit A/D provide sufficient pins for status, interrupts,
and bit I/O for LCDs, keyboards, and media interfaces. The parallel interface operates in two modes, either
as a slave to a microcontroller using the HPI port or as a parallel media interface using the asynchronous EMIF.
Serial media is supported through two MultiMedia Card/Secure Digital (MMC/SD) peripherals and three
McBSPs.
The 5509 peripheral set includes an external memory interface (EMIF) that provides glueless access to
asynchronous memories like EPROM and SRAM, as well as to high-speed, high-density memories such as
synchronous DRAM. Additional peripherals include Universal Serial Bus (USB), real-time clock, watchdog
timer, I2C multi-master and slave interface, and a unique device ID. Three full-duplex multichannel buffered
serial ports (McBSPs) provide glueless interface to a variety of industry-standard serial devices, and
multichannel communication with up to 128 separately enabled channels. The enhanced host-port interface
(HPI) is a 16-bit parallel interface used to provide host processor access to 32K bytes of internal memory on
the 5509. The HPI can be configured in either multiplexed or non-multiplexed mode to provide glueless
interface to a wide variety of host processors. The DMA controller provides data movement for six independent
channel contexts without CPU intervention, providing DMA throughput of up to two 16-bit words per cycle. Two
general-purpose timers, up to eight dedicated general-purpose I/O (GPIO) pins, and digital phase-locked loop
(DPLL) clock generation are also included.
The 5509 is supported by the industry’s award-winning eXpressDSP
, Code Composer Studio Integrated
Development Environment (IDE), DSP/BIOS
, Texas Instruments’ algorithm standard, and the industry’s
largest third-party network. The Code Composer Studio IDE features code generation tools including a
C Compiler and Visual Linker, simulator, RTDX
, XDS510 emulation device drivers, and evaluation
modules. The 5509 is also supported by the C55x DSP Library which features more than 50 foundational
software kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip and board support
libraries.
C55x, eXpressDSP, Code Composer Studio, DSP/BIOS, RTDX, and XDS510 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com