Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3208TL/NOPB Datasheet HTML 1Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A1
B1
C1
A3
B3
C3
SW
A2
C2
EN
PGND
SGND
VDD
FB
VCON
PVIN
A3
B3
C3
A1
B1
C1
A2
C2
VCON
SW
PGND
SGND
FB
PVIN
VDD
EN
Top View
Bottom View
LM3208
SNVS404B – APRIL 2006 – REVISED MARCH 2013
www.ti.com
CONNECTION DIAGRAMS
Figure 2. 8-Bump Thin DSBGA Package, Large Bump
Package Number YZR0008GNA
PIN DESCRIPTIONS
Pin #
Name
Description
A1
PVIN
Power Supply Voltage Input to the internal PFET switch.
B1
VDD
Analog Supply Input.
C1
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set this pin low.
C2
VCON
Voltage Control Analog input. VCON controls VOUT in PWM mode.
C3
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
B3
SGND
Analog and Control Ground
A3
PGND
Power Ground
A2
SW
Switch node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak Current Limit
specification of the LM3208.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com