Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3208TL/NOPB Datasheet HTML 1Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3208
www.ti.com
SNVS404B – APRIL 2006 – REVISED MARCH 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design providing the component values in the typical application circuit are
used (L = 3.0µH, DCR = 0.12
Ω, FDK MIPW3226D3R0M; CIN = 10µF, 6.3V, 0805, TDK C2012X5R0J106K; COUT = 4.7µF,
6.3V, 0603, TDK C1608X5R0J475M). These parameters are not specified by production testing. Min and Max values are
specified over the ambient temperature range TA = −30°C to 85°C. Typical values are specified at PVIN = VDD = EN = 3.6V
and TA = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TRESPONSE
Time for VOUT to rise from 0.8V
VIN = 4.2V, RLOAD = 5.5Ω
25
40
µs
to 3.4V (to reach 3.35V)
Time for VOUT to fall from 3.4V
VIN = 4.2V, RLOAD = 15Ω
35
45
µs
to 0.8V
CCON
VCON input capacitance
VCON = 1V, VIN = 2.7V to 5.5V,
5
10
pF
Test frequency = 100kHz
CEN
EN input capacitance
EN = 2V, VIN = 2.7V to 5.5V,
5
10
pF
Test frequency = 100kHz
VCON
RDSON(P) management threshold Threshold for PFET RDSON(P) to change
0.39
0.42
0.45
V
(S>L)
from 960m
Ω to 140mΩ
VCON
RDSON(P) management threshold Threshold for PFET RDSON(P) to change
0.37
0.40
0.43
V
(L>S)
from 140m
Ω to 960mΩ
IOUT, MAX
Maximum Output Current
VIN = 2.7V to 5.5V,
VCON = 0.45V to 1.44V,
650
mA
L = MIPW3226D3R0
VIN = 2.7V to 5.5V,
VCON = 0.32V to 0.45V,
400
mA
L = MIPW3226D3R0
Linearity
Linearity in control range 0.32V
VIN = 3.9V
(1)
–3
+3
%
to 1.44V
Monotonic in nature
−50
+50
mV
TON
Turn on time
EN = Low to High, VIN = 4.2V,
(time for output to reach 97% of
VOUT = 3.4V,
40
60
µs
final value after Enable low to
IOUT ≤ 1mA
high transition)
η
Efficiency
VIN = 3.6V, VOUT = 0.8V, IOUT = 90mA
81
%
VIN = 3.6V, VOUT = 1.5V, IOUT = 150mA
89
%
VIN = 3.9V, VOUT = 3.4V, IOUT = 400mA
95
%
VOUT_ripple
Ripple voltage at
VIN = 2.7V to 4.5V, VOUT = 0.8V to 3.4V,
no pulse skip condition
Differential voltage = VIN – VOUT > 1V,
10
mVp-p
IOUT = 0mA to 400mA
(2)
Ripple voltage at
VIN = 5.5V to dropout, VOUT = 3.4V,
60
mVp-p
pulse skip condition
IOUT = 650mA
(2)
Line_tr
Line transient response
VIN = 3.6V to 4.2V,
TR = TF = 10µs,
50
mVpk
VOUT = 0.8V, IOUT = 100mA
Load_tr
Load transient response
VIN = 3.1 / 3.6 / 4.5V, VOUT = 0.8V,
50
mVpk
IOUT = 50mA to 150mA
Max Duty
Maximum duty cycle
100
%
cycle
(1)
Linearity limits are ±3% or ±50mV whichever is larger.
(2)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com